Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AVCM162836 Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce 74AVCM162836
Description  20-bit registered driver with inverted register enable and 15 ohm termination resistors 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AVCM162836 Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button 74AVCM162836 Datasheet HTML 2Page - NXP Semiconductors 74AVCM162836 Datasheet HTML 3Page - NXP Semiconductors 74AVCM162836 Datasheet HTML 4Page - NXP Semiconductors 74AVCM162836 Datasheet HTML 5Page - NXP Semiconductors 74AVCM162836 Datasheet HTML 6Page - NXP Semiconductors 74AVCM162836 Datasheet HTML 7Page - NXP Semiconductors 74AVCM162836 Datasheet HTML 8Page - NXP Semiconductors 74AVCM162836 Datasheet HTML 9Page - NXP Semiconductors 74AVCM162836 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
74AVCM162836
20-bit registered driver with inverted register enable
and 15
Ω termination resistors (3-State)
2001 Apr 20
6
AC CHARACTERISTICS
GND = 0 V; tr = tf ≤ 2.0 ns; CL = 30 pF
LIMITS
SYMBOL
PARAMETER
WAVE-
FORM
VCC = 3.3 ± 0.3 V
VCC = 2.5 ± 0.2 V
VCC = 1.8 ± 0.15 V
VCC = 1.2 V UNIT
FORM
MIN
TYP1
MAX
MIN
TYP1
MAX
MIN
TYP1
MAX
MIN
TYP
Propagation delay An to Yn
1, 7
0.7
1.7
2.5
0.8
2.0
3.1
1.0
2.6
4.5
5.2
tPHL/tPLH
Propagation delay LE to Yn
2, 7
0.7
2.0
2.7
0.8
2.4
3.3
1.0
3.0
5.0
5.6
ns
Propagation delay CP to Yn
3, 7
0.7
1.9
2.5
0.8
2.2
3.0
1.0
2.8
4.5
5.2
tPZH/tPZL
3-State output enable time OE
to Yn
6, 7
1.0
2.5
4.5
1.0
2.8
4.5
1.5
3.5
6.5
5.5
ns
tPHZ/tPLZ
3-State output disable time OE
to Yn
6, 7
1.0
2.5
3.5
1.0
2.4
4.0
1.5
4.0
6.5
6.9
ns
t
CP pulse width HIGH or LOW
3, 7
1.0
1.2
2.0
ns
tW
LE pulse width HIGH
2, 7
1.0
1.2
2.0
ns
Set-up time An to CP
5, 7
0.7
0.7
0.7
1.0
ns
tSU
Set-up time An to LE HIGH
4, 7
0.5
0.5
0.5
0.2
ns
Set-up time An to LE LOW
4, 7
0.5
0.5
0.6
2.0
ns
Hold time An to CP
5, 7
0.9
0.9
1.0
1.5
ns
th
Hold time An to LE HIGH
4, 7
1.6
1.7
2.0
3.2
ns
Hold time An to LE LOW
4, 7
1.4
1.5
1.7
2.8
ns
Fmax
Maximum clock pulse frequency
3, 7
500
400
250
MHz
NOTES:
1. All typical values are measured at Tamb = 25 °C and at VCC = 1.8 V, 2.5 V, 3.3 V.
AC WAVEFORMS FOR VCC = 3.0 V TO 3.6 V RANGE
VM = 0.5 VCC
VX = VOL + 0.300 V
VY = VOH – 0.300 V
VOL and VOH are the typical output voltage drop that occur with the
output load.
VI = VCC
AC WAVEFORMS FOR VCC = 2.3 V TO 2.7 V AND
VCC < 2.3 V RANGE
VM = 0.5 VCC
VX = VOL + 0.15 V
VY = VOH – 0.15 V
VOL and VOH are the typical output voltage drop that occur with the
output load.
VI = VCC
An
INPUT
tPHL
tPLH
VOL
VI
GND
VOH
Yn
OUTPUT
SH00132
VM
VM
NOTE: VM = 0.5VCC at VCC = 2.3 to 2.7 V
Waveform 1. Input (An) to output (Yn) propagation delay
LE INPUT
Yn OUTPUT
VI
GND
VOH
VOL
tPHL
tPLH
tW
VM
VM
VM
SH00165
NOTE: VM = 0.5 VCC at VCC = 2.3 to 2.7 V
Waveform 2. Latch enable input (LE) pulse width, the latch
enable input to output (Yn) propagation delays.


Numéro de pièce similaire - 74AVCM162836

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AVCM162836_2 PHILIPS-74AVCM162836_2_15 Datasheet
106Kb / 10P
   20-bit registered driver with inverted register enable and 15 W termination resistors (3-State)
2001 Apr 20
More results

Description similaire - 74AVCM162836

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AVCM162834 PHILIPS-74AVCM162834 Datasheet
98Kb / 10P
   18-bit registered driver with inverted register enable and 15 ohm termination resistors 3-State
2001 Apr 20
74AVCM162836_2 PHILIPS-74AVCM162836_2_15 Datasheet
106Kb / 10P
   20-bit registered driver with inverted register enable and 15 W termination resistors (3-State)
2001 Apr 20
74ALVC162836A_0006 PHILIPS-74ALVC162836A_0006 Datasheet
100Kb / 12P
   20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Jun 20
74ALVC162836A PHILIPS-74ALVC162836A Datasheet
121Kb / 12P
   20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
logo
Nexperia B.V. All right...
74ALVC162836A NEXPERIA-74ALVC162836A Datasheet
204Kb / 15P
   20-bit registered driver with inverted register enable and 30 Ω termination resistors; 3-state
Rev. 3 - 6 April 2018
logo
NXP Semiconductors
74ALVC162834A PHILIPS-74ALVC162834A Datasheet
122Kb / 12P
   18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74ALVC162834A_0006 PHILIPS-74ALVC162834A_0006 Datasheet
106Kb / 12P
   18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Jun 20
74ALVC162334A PHILIPS-74ALVC162334A Datasheet
115Kb / 10P
   16-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74ALVC16836A PHILIPS-74ALVC16836A Datasheet
122Kb / 12P
   20-bit registered driver with inverted register enable 3-State
2000 Mar 14
logo
Nexperia B.V. All right...
74ALVC16836A NEXPERIA-74ALVC16836A Datasheet
224Kb / 14P
   20-bit registered driver with inverted register enable; 3-state
Rev. 2 - 12 September 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com