Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AVCH16244 Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce 74AVCH16244
Description  16-bit buffer/line driver; 3.6 V tolerant; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AVCH16244 Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button 74AVCH16244 Datasheet HTML 4Page - NXP Semiconductors 74AVCH16244 Datasheet HTML 5Page - NXP Semiconductors 74AVCH16244 Datasheet HTML 6Page - NXP Semiconductors 74AVCH16244 Datasheet HTML 7Page - NXP Semiconductors 74AVCH16244 Datasheet HTML 8Page - NXP Semiconductors 74AVCH16244 Datasheet HTML 9Page - NXP Semiconductors 74AVCH16244 Datasheet HTML 10Page - NXP Semiconductors 74AVCH16244 Datasheet HTML 11Page - NXP Semiconductors 74AVCH16244 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
2000 Mar 07
8
Philips Semiconductors
Product Specification
16-bit buffer/line driver; 3.6 V tolerant;
3-state
74AVCH16244
Note
1. All typical values are measured at Tamb =25 °C.
IBHH
bus-hold HIGH
sustaining
current
VI = 0.65 × VCC
1.65
−25
−−µA
2.3
−45
−−µA
3.0
−75
−−µA
IBHLO
bus-hold LOW
overdrive
current
1.95
200
−−µA
2.7
300
−−µA
3.6
450
−−µA
IBHHO
bus-hold HIGH
overdrive
current
1.95
−200
−−µA
2.7
−300
−−µA
3.6
−450
−−µA
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = −40 to +85 °C
UNIT
OTHER
VCC (V)
MIN.
TYP.(1)
MAX.
AC CHARACTERISTICS
GND = 0 V; tr =tf ≤ 2.0 ns.
Note
1. All typical values are measured at Tamb =25 °C and at VCC respectively 1.2, 1.5, 1.8, 2.5 and 3.3 V.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = −40 to +85 °C
UNIT
WAVEFORMS
VCC (V)
MIN.
TYP.(1)
MAX.
tPHL/tPLH
propagation
delay;
nAn to nYn
see Figs 6 and 8
1.2
5.2
ns
1.40 to 1.60
2.9
ns
1.65 to 1.95 0.8
2.1
3.4
ns
2.3 to 2.7
0.7
1.5
2.2
ns
3.0 to 3.6
0.6
1.3
2.0
ns
tPZH/tPZL
3-state output
enable time;
nOE to nYn
see Figs 7 and 8
1.2
5.7
ns
1.40 to 1.60
4.0
ns
1.65 to 1.95 1.3
3.3
6.8
ns
2.3 to 2.7
0.9
2.2
4.0
ns
3.0 to 3.6
0.7
1.9
3.5
ns
tPHZ/tPLZ
3-state output
disable time;
nOE to nYn
see Figs 7 and 8
1.2
5.9
ns
1.40 to 1.60
4.2
ns
1.65 to 1.95 1.6
3.7
6.2
ns
2.3 to 2.7
1.0
1.9
4.3
ns
3.0 to 3.6
1.1
2.2
3.5
ns


Numéro de pièce similaire - 74AVCH16244

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AVCH16244 NEXPERIA-74AVCH16244 Datasheet
220Kb / 14P
   16-bit buffer/line driver; 3.6 V tolerant; 3-state
Rev. 2 - 20 February 2018
74AVCH16244DGG NEXPERIA-74AVCH16244DGG Datasheet
220Kb / 14P
   16-bit buffer/line driver; 3.6 V tolerant; 3-state
Rev. 2 - 20 February 2018
logo
NXP Semiconductors
74AVCH16244 PHILIPS-74AVCH16244_15 Datasheet
94Kb / 16P
   16-bit buffer/line driver; 3.6 V tolerant; 3-state
2000 Mar 07
More results

Description similaire - 74AVCH16244

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AVCH16244 PHILIPS-74AVCH16244_15 Datasheet
94Kb / 16P
   16-bit buffer/line driver; 3.6 V tolerant; 3-state
2000 Mar 07
74AVC16244 PHILIPS-74AVC16244_15 Datasheet
93Kb / 16P
   16-bit buffer/line driver; 3-state (3.6 V tolerant)
1999 Nov 15
74AVC16244 PHILIPS-74AVC16244 Datasheet
79Kb / 16P
   16-bit buffer/line driver; 3-state 3.6 V tolerant
1999 Nov 15
logo
Nexperia B.V. All right...
74AVCH16244 NEXPERIA-74AVCH16244 Datasheet
220Kb / 14P
   16-bit buffer/line driver; 3.6 V tolerant; 3-state
Rev. 2 - 20 February 2018
74AVC16244 NEXPERIA-74AVC16244 Datasheet
217Kb / 15P
   16-bit buffer/line driver; 3.6 V tolerant; 3-state
Rev. 3 - 20 February 2018
logo
NXP Semiconductors
74LVC16244A NXP-74LVC16244A Datasheet
184Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
74LVC16244A PHILIPS-74LVC16244A Datasheet
116Kb / 18P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
2003 Dec 08
logo
Nexperia B.V. All right...
74LVCH16244A NEXPERIA-74LVCH16244A Datasheet
245Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 16 - 21 September 2021
logo
NXP Semiconductors
74LVC_LVCH16244A PHILIPS-74LVC_LVCH16244A_15 Datasheet
298Kb / 19P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 13-7 February 2014
logo
Nexperia B.V. All right...
74LVC16244A-Q100 NEXPERIA-74LVC16244A-Q100 Datasheet
238Kb / 13P
   16-bit buffer/line driver; 5 V input/output tolerant; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com