Moteur de recherche de fiches techniques de composants électroniques |
|
HLMP-BG11-N0R00 Fiches technique(PDF) 2 Page - Agilent(Hewlett-Packard) |
|
HLMP-BG11-N0R00 Fiches technique(HTML) 2 Page - Agilent(Hewlett-Packard) |
2 / 10 page 2 Table 1. Device Selection Guide for AlInGaP II Color and Luminous Luminous Forward Dominant Intensity, Intensity, Voltage, Leads Wavelength Iv (mcd) at Iv (mcd) at Vf (V) with Leadframe Package Part Number λd (nm) Typ. 20 mA Min. 20 mA Max. Max. Stand-offs Orientation Drawing HLMP-AD06-P00xx Red 630 880 2.4 No Parallel A HLMP-AD06-P0Txx Red 630 880 2.6 No Parallel A HLMP-AD16-P00xx Red 630 880 2.4 Yes Parallel B HLMP-AD16-P0Txx Red 630 880 2.6 Yes Parallel B HLMP-AD16-RS0xx Red 630 1500 2500 2.6 Yes Parallel B HLMP-AD16-RSTxx Red 630 1500 2500 2.6 Yes Parallel B HLMP-AD16-RU0xx Red 630 1500 4200 2.4 Yes Parallel B HLMP-AD16-RUTxx Red 630 1500 4200 2.6 Yes Parallel B HLMP-AD16-ST0xx Red 630 1900 3200 2.4 Yes Parallel B HLMP-AD16-STTxx Red 630 1900 3200 2.6 Yes Parallel B HLMP-AL06-L00xx Amber 592 400 2.4 No Parallel A HLMP-AL06-L0Rxx Amber 592 400 2.6 No Parallel A HLMP-AL06-N00xx Amber 592 680 2.4 No Parallel A HLMP-AL06-N0Rxx Amber 592 680 2.6 No Parallel A HLMP-AL16-N00xx Amber 592 680 2.4 Yes Parallel B HLMP-AL16-N0Rxx Amber 592 680 2.6 Yes Parallel B HLMP-AL16-PSRxx Amber 592 880 2500 2.6 Yes Parallel B HLMP-AL16-QR0xx Amber 592 1150 1900 2.4 Yes Parallel B HLMP-AL16-QRRxx Amber 592 1150 1900 2.6 Yes Parallel B HLMP-BD06-P00xx Red 630 880 2.4 No Perpendicular C HLMP-BD06-P0Txx Red 630 880 2.6 No Perpendicular C HLMP-BD06-RS0xx Red 630 1500 2500 2.4 No Perpendicular C HLMP-BD06-RSTxx Red 630 1500 2500 2.6 No Perpendicular C HLMP-BD16-P00xx Red 630 880 2.4 Yes Perpendicular D HLMP-BD16-P0Txx Red 630 880 2.6 Yes Perpendicular D HLMP-BD16-RU0xx Red 630 1500 4200 2.4 Yes Perpendicular D HLMP-BD16-RUTxx Red 630 1500 4200 2.6 Yes Perpendicular D HLMP-BD16-ST0xx Red 630 1900 3200 2.4 Yes Perpendicular D HLMP-BD16-STTxx Red 630 1900 3200 2.6 Yes Perpendicular D HLMP-BL06-N00xx Amber 592 680 2.4 No Perpendicular C HLMP-BL06-N0Rxx Amber 592 680 2.6 No Perpendicular C HLMP-BL06-QRKxx Amber 592 1150 1900 2.4 No Perpendicular C HLMP-BL06-QRSxx Amber 592 1150 1900 2.6 No Perpendicular C HLMP-BL16-N00xx Amber 592 680 2.4 Yes Perpendicular D HLMP-BL16-N0Rxx Amber 592 680 2.6 Yes Perpendicular D HLMP-BL16-PS0xx Amber 592 880 2500 2.4 Yes Perpendicular D HLMP-BL16-PSRxx Amber 592 880 2500 2.6 Yes Perpendicular D |
Numéro de pièce similaire - HLMP-BG11-N0R00 |
|
Description similaire - HLMP-BG11-N0R00 |