Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AVC16245DGG Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce 74AVC16245DGG
Description  16-bit transceiver with direction pin; 3-state 3.6 V tolerant
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AVC16245DGG Fiches technique(HTML) 1 Page - NXP Semiconductors

  74AVC16245DGG Datasheet HTML 1Page - NXP Semiconductors 74AVC16245DGG Datasheet HTML 2Page - NXP Semiconductors 74AVC16245DGG Datasheet HTML 3Page - NXP Semiconductors 74AVC16245DGG Datasheet HTML 4Page - NXP Semiconductors 74AVC16245DGG Datasheet HTML 5Page - NXP Semiconductors 74AVC16245DGG Datasheet HTML 6Page - NXP Semiconductors 74AVC16245DGG Datasheet HTML 7Page - NXP Semiconductors 74AVC16245DGG Datasheet HTML 8Page - NXP Semiconductors 74AVC16245DGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DATA SHEET
Product specification
Supersedes data of 1998 Dec 11
File under Integrated Circuits, IC24
1999 Nov 15
INTEGRATED CIRCUITS
74AVC16245
16-bit transceiver with direction pin;
3-state (3.6 V tolerant)


Numéro de pièce similaire - 74AVC16245DGG

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AVC16245DGG PHILIPS-74AVC16245DGG Datasheet
88Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
2000 Mar 07
logo
Nexperia B.V. All right...
74AVC16245DGG NEXPERIA-74AVC16245DGG Datasheet
740Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3 - 31 January 2013
74AVC16245DGG-Q100 NEXPERIA-74AVC16245DGG-Q100 Datasheet
760Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant 3-state
logo
Texas Instruments
74AVC16245DGGRG4 TI-74AVC16245DGGRG4 Datasheet
370Kb / 16P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Description similaire - 74AVC16245DGG

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AVCH16245 NEXPERIA-74AVCH16245 Datasheet
745Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3 - 8 January 2013
logo
NXP Semiconductors
74AVC16245 PHILIPS-74AVC16245_15 Datasheet
134Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3-31 January 2013
74AVCH16245 PHILIPS-74AVCH16245_15 Datasheet
137Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3-8 January 2013
74AVCH16245 PHILIPS-74AVCH16245 Datasheet
88Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
2000 Mar 07
logo
Nexperia B.V. All right...
74AVC16245-Q100 NEXPERIA-74AVC16245-Q100 Datasheet
760Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant 3-state
74AVC16245 NEXPERIA-74AVC16245 Datasheet
740Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3 - 31 January 2013
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
74LVCH16245A NEXPERIA-74LVCH16245A Datasheet
260Kb / 15P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
logo
NXP Semiconductors
74LVC_LVCH16245A PHILIPS-74LVC_LVCH16245A_15 Datasheet
283Kb / 20P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 12-13 February 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com