Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SJ650 Fiches technique(PDF) 2 Page - Sanyo Semicon Device

No de pièce 2SJ650
Description  DC / DC Converter Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ650 Fiches technique(HTML) 2 Page - Sanyo Semicon Device

  2SJ650 Datasheet HTML 1Page - Sanyo Semicon Device 2SJ650 Datasheet HTML 2Page - Sanyo Semicon Device 2SJ650 Datasheet HTML 3Page - Sanyo Semicon Device 2SJ650 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SJ650
No.7500-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=--6A, VGS=--10V
100
135
m
RDS(on)2
ID=--6A, VGS=--4V
145
205
m
Input Capacitance
Ciss
VDS=--20V, f=1MHz
1020
pF
Output Capacitance
Coss
VDS=--20V, f=1MHz
110
pF
Reverse Transfer Capacitance
Crss
VDS=--20V, f=1MHz
76
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
10
ns
Rise Time
tr
See specified Test Circuit.
145
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
85
ns
Fall Time
tf
See specified Test Circuit.
96
ns
Total Gate Charge
Qg
VDS=--30V, VGS=--10V, ID=--12A
21
nC
Gate-to-Source Charge
Qgs
VDS=--30V, VGS=--10V, ID=--12A
3.8
nC
Gate-to-Drain“Miller”Charge
Qgd
VDS=--30V, VGS=--10V, ID=--12A
4.5
nC
Diode Forward Voltage
VSD
IS=--12A, VGS=0
--0.9
--1.2
V
Switching Time Test Circuit
PW=10
µs
D.C.
≤1%
P.G
50
G
S
D
ID= --6A
RL=5Ω
VDD= --30V
VOUT
2SJ650
VIN
0V
--10V
VIN
Gate-to-Source Voltage, VGS -- V
Drain-to-Source Voltage, VDS -- V
ID -- VDS
IT06157
ID -- VGS
IT06158
0
0
--20
--25
--10
--15
--5
--5.0
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
--3.5
--4.0
--4.5
0
0
--20
--25
--10
--15
--5
--5.0
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
--3.5
--4.0
--4.5
ID -- VDS
Tc=25
°C
--6V
--4V
--8V
VGS= --3V
VDS= --10V


Numéro de pièce similaire - 2SJ650

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
2SJ650 ONSEMI-2SJ650 Datasheet
102Kb / 4P
   DC / DC Converter Applications
Jan-2011, Rev. 0
More results

Description similaire - 2SJ650

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
FP302 SANYO-FP302 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FP303 SANYO-FP303 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FSS216 SANYO-FSS216 Datasheet
146Kb / 4P
   DC/DC Converter Applications
CPH3206 SANYO-CPH3206 Datasheet
41Kb / 4P
   DC/DC Converter Applications
CPH5501 SANYO-CPH5501 Datasheet
58Kb / 6P
   DC/DC Converter Applications
CPH5704 SANYO-CPH5704 Datasheet
53Kb / 5P
   DC/DC Converter Applications
CPH6501 SANYO-CPH6501 Datasheet
30Kb / 4P
   DC / DC Converter Applications
CPH6801 SANYO-CPH6801 Datasheet
56Kb / 5P
   DC/DC Converter Applications
CPH3109 SANYO-CPH3109 Datasheet
55Kb / 5P
   DC/DC Converter Applications
MCH6103 SANYO-MCH6103 Datasheet
49Kb / 5P
   DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
   DC / DC Converter Applications
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com