Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA21801 Fiches technique(PDF) 5 Page - Infineon Technologies AG

No de pièce TDA21801
Description  Low Cost Fan Speed Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA21801 Fiches technique(HTML) 5 Page - Infineon Technologies AG

  TDA21801 Datasheet HTML 1Page - Infineon Technologies AG TDA21801 Datasheet HTML 2Page - Infineon Technologies AG TDA21801 Datasheet HTML 3Page - Infineon Technologies AG TDA21801 Datasheet HTML 4Page - Infineon Technologies AG TDA21801 Datasheet HTML 5Page - Infineon Technologies AG TDA21801 Datasheet HTML 6Page - Infineon Technologies AG TDA21801 Datasheet HTML 7Page - Infineon Technologies AG TDA21801 Datasheet HTML 8Page - Infineon Technologies AG TDA21801 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
FanControl
Page 5 of 30
DS-FanControl-TDA21801
4. General Description
The Fan Speed Controller is a fully integrated control with few external components to set up a flexible
and low cost application. The device uses the waveform of the current in a standard two-wire fan to
detect the speed of revolution and to control it.
The current flowing through the fan is sensed by the shunt resistor connected to RSin. For fans with a
supply current between 50mA and 400mA, a good value for this resistor is between 0.5 and 1Ω as the
maximum input voltage of RSin for linear operation is 330mV.
The Pulse Detector circuit creates one internal trigger pulse at every commutation of the fan motor. The
internal trigger pulse will be processed if the current waveform through the motor shows appropriate
variations at the commutation.
Monitoring and warning signal can be used to check the working condition.
Every two internal trigger pulses one is fed to the FanM output to monitor the speed of rotation.
The device controls the speed of revolution. The temperature is measured with the NTC thermistor and
according to the voltage on the NTC the speed of the fan is set.
In Fig.1 the dependence of the fan speed with the temperature is shown (supposing a minimum speed
of 1329 rpm).
The expression of the minimum VCO frequency @ minimum FAN Speed is given by:
P
n
fvco
*
*
15
16
=
n = Fan speed in rpm.
P =number of pole (Fans in use for desktop PC SMPS are normally 4 poles).


Numéro de pièce similaire - TDA21801

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
TDA21101 INFINEON-TDA21101 Datasheet
47Kb / 5P
   High speed Driver with bootstrapping for dual Power MOSFETs
2002-03-28
TDA21102 INFINEON-TDA21102 Datasheet
197Kb / 7P
   High speed Driver with bootstrapping for dual Power MOSFETs
Rev. 1.0 Dec 19, 2003
TDA21102 INFINEON-TDA21102 Datasheet
250Kb / 8P
   High speed Driver with bootstrapping for dual Power MOSFETs
Rev. 2.0 Aug 31, 2004
TDA21102 INFINEON-TDA21102_04 Datasheet
250Kb / 8P
   High speed Driver with bootstrapping for dual Power MOSFETs
Rev. 2.0 Aug 31, 2004
TDA21106 INFINEON-TDA21106 Datasheet
200Kb / 7P
   High speed Driver with bootstrapping for dual Power MOSFETs
Rev 2.0 Apr, 2004
More results

Description similaire - TDA21801

FabricantNo de pièceFiches techniqueDescription
logo
Murata Power Solutions ...
SP1590 MURATA-PS-SP1590 Datasheet
79Kb / 1P
   Fan Speed Controller
logo
Advanced Thermal Soluti...
FSC-200 ATS-FSC-200 Datasheet
584Kb / 1P
   FAN SPEED CONTROLLER
R2_0215
logo
List of Unclassifed Man...
G760A ETC-G760A Datasheet
173Kb / 5P
   Fan Speed PWM Controller
logo
Anachip Corp
AP438 ANACHIP-AP438 Datasheet
153Kb / 8P
   PWM Fan Speed Controller
logo
Global Mixed-mode Techn...
G760A GMT-G760A Datasheet
84Kb / 1P
   Fan Speed PWM Controller
logo
Maxim Integrated Produc...
MAX31740 MAXIM-MAX31740_V01 Datasheet
628Kb / 11P
   Ultra-Simple Fan-Speed Controller
19-6697; Rev 3; 12/20
MAX6620 MAXIM-MAX6620_14 Datasheet
281Kb / 30P
   Quad Linear Fan-Speed Controller
Rev 1; 1/13
MAX6620 MAXIM-MAX6620_13 Datasheet
315Kb / 30P
   Quad Linear Fan-Speed Controller
Rev 1; 1/13
MAX6620 MAXIM-MAX6620 Datasheet
355Kb / 30P
   Quad Linear Fan-Speed Controller
Rev 0; 3/08
MAX31740 MAXIM-MAX31740 Datasheet
499Kb / 11P
   Ultra-Simple Fan-Speed Controller
Rev 0; 5/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com