Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC22CA182G Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce MC22CA182G
Description  High-Frequency, High-Stability Chip for Instruments and RF
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

MC22CA182G Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  MC22CA182G Datasheet HTML 1Page - List of Unclassifed Manufacturers MC22CA182G Datasheet HTML 2Page - List of Unclassifed Manufacturers MC22CA182G Datasheet HTML 3Page - List of Unclassifed Manufacturers MC22CA182G Datasheet HTML 4Page - List of Unclassifed Manufacturers MC22CA182G Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1605 East Rodney French Blvd.
New Bedford, MA 02744
(508) 996-8564, Fax (508) 996-3830
http://www.cornell-dubilier.com
E-mail: cdenb@cornell-dubilier.com
1.031
C ORN ELL
DU BIL I ER
Your Source For Capacitor Solutions
Type MC, Surface-Mount Mica Chip Capacitors
Ratings
Typical Characteristic Curves
Q vs. CAPACITANCE
CAPACITANCE vs. FREQUENCY
Q vs. FREQUENCY
% CAPACITANCE CHANGE vs. TEMPERATURE
RESONANT FREQUENCY vs. CAPACITANCE
Cap
Catalog
Case
pF
Number
Type
500 Vdc
1
MC12CD010D
1210
2
MC12CD020D
1210
3
MC12CD030D
1210
4
MC12CD040D
1210
5
MC12CD050D
1210
6
MC12CD060D
1210
7
MC12CD070D
1210
8
MC12CD080D
1210
9
MC12CD090D
1210
10
MC12CD100D
1210
12
MC12ED120J
1210
15
MC12ED150J
1210
18
MC12ED180J
1210
20
MC12ED200J
1210
22
MC12ED220J
1210
24
MC12ED240J
1210
27
MC12ED270J
1210
30
MC12ED300J
1210
33
MC12FD330J
1210
36
MC12FD360J
1210
39
MC12FD390J
1210
43
MC12FD430J
1210
47
MC12FD470J
1210
50
MC12FD500J
1210
51
MC12FD510J
1210
56
MC12FD560J
1210
62
MC12FD620J
1210
68
MC12FD680J
1210
75
MC12FD750J
1210
82
MC12FD820J
1210
91
MC12FD910J
1210
100
MC18FD101J
1812
110
MC18FD111J
1812
Cap
Catalog
Case
pF
Number
Type
500 Vdc
120
MC18FD121J
1812
130
MC18FD131J
1812
150
MC18FD151J
1812
100
MC12FD101J
1210
110
MC12FD111J
1210
120
MC12FD121J
1210
130
MC12FD131J
1210
150
MC12FD151J
1210
160
MC18FD161J
1812
180
MC18FD181J
1812
200
MC18FD201J
1812
220
MC18FD221J
1812
240
MC18FD241J
1812
250
MC18FD251J
1812
270
MC18FD271J
1812
300
MC18FD301J
1812
330
MC18FD331J
1812
360
MC18FD361J
1812
390
MC18FD391J
1812
430
MC18FD431J
1812
470
MC18FD471J
1812
500
MC22FD501J
2220
510
MC22FD511J
2220
560
MC22FD561J
2220
620
MC22FD621J
2220
680
MC22FD681J
2220
750
MC22FD751J
2220
820
MC22FD821J
2220
910
MC22FD911J
2220
1000
MC22FD102J
2220
1100
MC22FD112J
2220
1200
MC22FD122J
2220
Cap
Catalog
Case
pF
Number
Type
1000 Vdc
1
MC12CF010D
1210
2
MC12CF020D
1210
3
MC12CF030D
1210
4
MC12CF040D
1210
5
MC12CF050D
1210
6
MC12CF060D
1210
7
MC12CF070D
1210
8
MC12CF080D
1210
9
MC12CF090D
1210
10
MC12CF100D
1210
12
MC12EF120J
1210
15
MC12EF150J
1210
18
MC12EF180J
1210
20
MC12EF200J
1210
22
MC12EF220J
1210
24
MC12EF240J
1210
27
MC12EF270J
1210
30
MC12EF300J
1210
33
MC12FF330J
1210
36
MC12FF360J
1210
39
MC12FF390J
1210
43
MC12FF430J
1210
47
MC12FF470J
1210
50
MC12FF500J
1210
Cap
Catalog
Case
pF
Number
Type
1000 Vdc
100
MC22FF101J
2220
110
MC22FF111J
2220
120
MC22FF121J
2220
130
MC22FF131J
2220
150
MC22FF151J
2220
160
MC22FF161J
2220
180
MC22FF181J
2220
200
MC22FF201J
2220
220
MC22FF221J
2220
240
MC22FF241J
2220
250
MC22FF251J
2220
270
MC22FF271J
2220
300
MC22FF301J
2220
330
MC22FF331J
2220
360
MC22FF361J
2220
390
MC22FF391J
2220
430
MC22FF431J
2220
470
MC22FF471J
2220
500
MC22FF501J
2220
510
MC22FF511J
2220
560
MC22FF561J
2220
620
MC22FF621J
2220
680
MC22FF681J
2220
750
MC22FF751J
2220
820
MC22FF821J
2220
910
MC22FF911J
2220
1000
MC22FF102J
2220
1100
MC22FF112J
2220
1200
MC22FF122J
2220
1500
MC22FF152J
2220
IMPEDANCE vs. FREQUENCY
8942 1.030-1.034
4/3/2000 6:17 PM
Page 31


Numéro de pièce similaire - MC22CA182G

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
MC2201 VBSEMI-MC2201 Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
MC2205 VBSEMI-MC2205 Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
logo
ATGBICS by Approved Tec...
MC2206125-007-C ATGBICS-MC2206125-007-C Datasheet
331Kb / 8P
   MC2206125-007 NVIDIA Mellanox Compatible Direct Attach Copper Twinax Cable 40G QSFP (7m, Passive)
MC2206128-005-C ATGBICS-MC2206128-005-C Datasheet
332Kb / 8P
   MC2206128-005 NVIDIA Mellanox Compatible Direct Attach Copper Twinax Cable 40G QSFP (5m, Passive)
MC2206130-001-C ATGBICS-MC2206130-001-C Datasheet
331Kb / 8P
   MC2206130-001 NVIDIA Mellanox Compatible Direct Attach Copper Twinax Cable 40G QSFP (1m, Passive)
More results

Description similaire - MC22CA182G

FabricantNo de pièceFiches techniqueDescription
logo
TXC Corporation.
AE-SERIES TXC-AE-SERIES Datasheet
1Mb / 1P
   High precision and high frequency stability.
OZ-SERIES TXC-OZ-SERIES Datasheet
1Mb / 1P
   High precision and high frequency stability.
8Z-SERIES TXC-8Z-SERIES Datasheet
973Kb / 1P
   High precision and high frequency stability.
7M-SERIES TXC-7M-SERIES Datasheet
978Kb / 1P
   High precision and hig frequency stability.
logo
List of Unclassifed Man...
HG1012JA ETC1-HG1012JA Datasheet
56Kb / 1P
   HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
HG-1012JA ETC1-HG-1012JA Datasheet
111Kb / 1P
   HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
CA-301 ETC1-CA-301 Datasheet
52Kb / 1P
   HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
logo
Epson Company
HG-1000 EPSON-HG-1000 Datasheet
82Kb / 2P
   HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
logo
Advanced XTAL Products
AXIOM9000 AXTAL-AXIOM9000 Datasheet
479Kb / 5P
   Very High Frequency Stability
AXDO9000 AXTAL-AXDO9000 Datasheet
414Kb / 5P
   Very High Frequency Stability
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com