Moteur de recherche de fiches techniques de composants électroniques |
|
FCA-325-BY1 Fiches technique(PDF) 4 Page - Tyco Electronics |
|
FCA-325-BY1 Fiches technique(HTML) 4 Page - Tyco Electronics |
4 / 4 page 19 TERMINAL WIRING HOW TO ORDER (EXAMPLE) RELAY TYPE TERMINALS (Socket Pins, DC Coil) ENCLOSURE (With Flanges) COIL (28 VDC With Transient Suppression). NOTE: Only DC coil models are QPL Approved DC COILS NOTE: Polarity must be observed with DC coil supply. Relay is polarized with a permanent magnet and will not operate or be damaged by reverse polarity. Diodes used in transient suppression and in AC rectifier circuits have peak inverse voltage rating of 600 VDC minimum. Zener diodes have a minimum rating of 1 watt. Terminal designations are for reference only and do not appear on the header. BLUE BEAD + + - X2 X1 A B C 1 23 BLUE BEAD X2 X1 A B C 1 23 BLUE BEAD + + - X2 X1 A B C 1 23 DC COILS WITH TRANSIENT SUPPRESSION AC COILS AC -X2 +X1 .600 (15.24) .300 (7.62) .150 (3.81) .450 (11.43) TERMINAL LAYOUT BLUE BEAD .234 (5.94) .630 (16.00) .432 (10.97) FCA-325-A Y 4 FCA-325 25 AMPERES, 3PDT SERIES Tyco Electronics Mid-Range Military/Aerospace Relays |
Numéro de pièce similaire - FCA-325-BY1 |
|
Description similaire - FCA-325-BY1 |