Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVCH16623DGG Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce 74ALVCH16623DGG
Description  16-bit transceiver with dual enable; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16623DGG Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button 74ALVCH16623DGG Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16623DGG Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16623DGG Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16623DGG Datasheet HTML 9Page - NXP Semiconductors 74ALVCH16623DGG Datasheet HTML 10Page - NXP Semiconductors 74ALVCH16623DGG Datasheet HTML 11Page - NXP Semiconductors 74ALVCH16623DGG Datasheet HTML 12Page - NXP Semiconductors 74ALVCH16623DGG Datasheet HTML 13Page - NXP Semiconductors 74ALVCH16623DGG Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1999 Sep 20
10
Philips Semiconductors
Product specification
16-bit transceiver with dual enable; 3-state
74ALVCH16623
Fig.7 3-state enable and disable times for nOEAB times.
handbook, full pagewidth
MNA313
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VY
VX
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
nOEAB input
VI
VOL
VOH
VCC
VM
GND
GND
tPZL
tPZH
VM
VM
Fig.8 Load circuitry for switching times.
handbook, full pagewidth
open
GND
50 pF
2
× VCC
VCC
VI
VO
MNA296
D.U.T.
CL
RT
RL
500
RL
500
PULSE
GENERATOR
S1
VCC
VI
<2.7 V
VCC
2.7 to 3.6 V 2.7 V
TEST
S1
tPLH/tPHL
open
tPLZ/tPZL
2
× VCC
tPHZ/tPZH
GND
Definitions for test circuit.
CL = load capacitance including jig and probe capacitance
(See Chapter “AC characteristics”).
RL = load resistance.
RT = termination resistance should be equal to the output impedance
Zo of the pulse generator.


Numéro de pièce similaire - 74ALVCH16623DGG

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ALVCH16600 PHILIPS-74ALVCH16600 Datasheet
88Kb / 14P
   18-bit universal bus transceiver 3-State
1999 Nov 23
logo
Nexperia B.V. All right...
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
logo
NXP Semiconductors
74ALVCH16600DGG PHILIPS-74ALVCH16600DGG Datasheet
88Kb / 14P
   18-bit universal bus transceiver 3-State
1999 Nov 23
logo
Nexperia B.V. All right...
74ALVCH16600DGG NEXPERIA-74ALVCH16600DGG Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
logo
NXP Semiconductors
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
More results

Description similaire - 74ALVCH16623DGG

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74ALVCH16652 NEXPERIA-74ALVCH16652 Datasheet
260Kb / 18P
   16-bit transceiver/register with dual enable; 3-state
Rev. 3 - 12 September 2018
logo
NXP Semiconductors
74ALVCH16652 PHILIPS-74ALVCH16652 Datasheet
103Kb / 20P
   16-bit transceiver/register with dual enable; 3-state
1999 Nov 23
74ALVCH16652 PHILIPS-74ALVCH16652_15 Datasheet
117Kb / 20P
   16-bit transceiver/register with dual enable; 3-state
1999 Nov 23
MB2623 PHILIPS-MB2623 Datasheet
87Kb / 12P
   16-bit transceiver with dual enable, non-inverting 3-State
1998 Jan 16
74ABT161543 PHILIPS-74ABT161543 Datasheet
85Kb / 12P
   16-bit latched transceiver with dual enable and master reset 3-State
1998 Feb 27
74ABT16543 PHILIPS-74ABT16543 Datasheet
90Kb / 12P
   16-bit latched transceivers with dual enable 3-State
1998 Feb 27
74LVC623A PHILIPS-74LVC623A Datasheet
96Kb / 10P
   Octal transceiver with dual enable 3-State
1998 Jul 29
74ABT543A PHILIPS-74ABT543A Datasheet
112Kb / 12P
   Octal latched transceiver with dual enable 3-State
1998 Sep 24
74ABT543A NXP-74ABT543A Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
74LVC652 PHILIPS-74LVC652 Datasheet
147Kb / 14P
   Octal transceiver/register with dual enable 3-State
1998 Jul 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com