Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI1867DL Fiches technique(PDF) 5 Page - Vishay Siliconix

No de pièce SI1867DL
Description  Load Switch with Level-Shift
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1867DL Fiches technique(HTML) 5 Page - Vishay Siliconix

  SI1867DL Datasheet HTML 1Page - Vishay Siliconix SI1867DL Datasheet HTML 2Page - Vishay Siliconix SI1867DL Datasheet HTML 3Page - Vishay Siliconix SI1867DL Datasheet HTML 4Page - Vishay Siliconix SI1867DL Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Si1867DL
Vishay Siliconix
New Product
Document Number: 72534
S-32132—Rev. A, 27-Oct-03
www.vishay.com
5
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
10−3
10−2
1
10
600
10−1
10−4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
1. Duty Cycle, D =
2. Per Unit Base = RthJA =400_C/W
3. TJM − TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
Switching Variation
R2 @ VIN = 2.5 V, R1 = 300 kW
0
10
20
30
40
50
60
0
20406080
100
R2 (kW)
IL = 1 A
VON/OFF = 3 V
Ci = 10 mF
Co = 1 mF
tf
td(off)
tr
td(on)
Switching Variation
R2 @ VIN = 1.8 V, R1 = 300 kW
0
10
20
30
40
50
60
70
0
20406080
100
R2 (kW)
IL = 1 A
VON/OFF = 3 V
Ci = 10 mF
Co = 1 mF
tf
td(off)
tr
td(on)
Safe Operating Area, Junction-to-Ambient
VDS − Drain-to-Source Voltage (V)
10
0.1
1
10
100
0.01
1 ms
1
Limited
by rDS(on)
TA = 25_C
Single Pulse
10 ms
100 ms
0.1
1 s
10 s
dc


Numéro de pièce similaire - SI1867DL

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI1867DL VISHAY-SI1867DL Datasheet
124Kb / 6P
   Load Switch with Level-Shift
01-Jan-2022
SI1867DL VISHAY-SI1867DL_V01 Datasheet
124Kb / 6P
   Load Switch with Level-Shift
01-Jan-2022
More results

Description similaire - SI1867DL

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4704DY VISHAY-SI4704DY Datasheet
51Kb / 4P
   Load Switch with Level-Shift
Rev. A, 05-Aug-02
logo
Union Semiconductor, In...
UM3865P UNIONSEMI-UM3865P Datasheet
231Kb / 6P
   Load Switch with Level-Shift
logo
Vishay Siliconix
SI3865CDV VISHAY-SI3865CDV Datasheet
221Kb / 10P
   Load Switch with Level-Shift
Rev. C, 20-Sep-10
SI1040X VISHAY-SI1040X Datasheet
46Kb / 5P
   Load Switch with Level-Shift
Rev. A, 04-Mar-02
SI3865BDV VISHAY-SI3865BDV Datasheet
89Kb / 6P
   Load Switch with Level-Shift
Rev. B, 14-Jun-04
SI3861BD VISHAY-SI3861BD Datasheet
117Kb / 6P
   Load Switch with Level-Shift
Rev. B, 12-Oct-09
SI1869DH VISHAY-SI1869DH_V01 Datasheet
184Kb / 11P
   Load Switch with Level-Shift
08-Feb-17
SI3865DDV VISHAY-SI3865DDV_V02 Datasheet
253Kb / 10P
   Load Switch with Level-Shift
01-Jan-2022
logo
TECH PUBLIC Electronics...
TPM3320S6 TECHPUBLIC-TPM3320S6 Datasheet
3Mb / 7P
   Load Switch with Level-Shift
logo
Vishay Siliconix
SI1040X-T1 VISHAY-SI1040X-T1 Datasheet
151Kb / 8P
   Load Switch with Level-Shift
Rev. D, 08-Nov-10
SI3865DDV VISHAY-SI3865DDV Datasheet
240Kb / 10P
   Load Switch with Level-Shift
Rev. D, 08-Sep-14
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com