Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVCH16374DGG Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce 74ALVCH16374DGG
Description  2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16374DGG Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button 74ALVCH16374DGG Datasheet HTML 2Page - NXP Semiconductors 74ALVCH16374DGG Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16374DGG Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16374DGG Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16374DGG Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16374DGG Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16374DGG Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16374DGG Datasheet HTML 9Page - NXP Semiconductors 74ALVCH16374DGG Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74ALVCH16374
16-bit edge-triggered D-type flip-flop (3-State)
1998 Jun 18
6
DC ELECTRICAL CHARACTERISTICS (Continued)
Over recommended operating conditions. Voltage are referenced to GND (ground = 0 V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
V
=1 8to3 6V; V =V
or V ; I = 100
µA
GND
020
VCC = 1.8 to 3.6V; VI = VIH or VIL; IO = 100µA
GND
0.20
VCC = 1.8V; VI = VIH or VIL; IO = 6mA
0.09
0.30
VCC = 2.3V; VI = VIH or VIL; IO = 6mA
0.07
0.20
VOL
LOW level output voltage
VCC = 2.3V; VI = VIH or VIL; IO = 12mA
0.15
0.40
V
VCC = 2.3V; VI = VIH or VIL; IO = 12mA
0.23
0.60
VCC = 2.7V; VI = VIH or VIL; IO = 12mA
0.14
0.40
VCC = 3.0V; VI = VIH or VIL; IO = 24mA
0.27
0.55
I
Input leakage current per
control pin
VCC = 1.8 to 3.6V;
VI = 5.5V or GND
0.1
5
µA
II
Input leakage current per data
VCC = 1.8 to 3.6V;
01
5
µA
g
pin
CC
VI = VCC or GND
0.1
5
I
/I
Input current for common I/O
VCC = 1.8 to 2.7V; VI = VCC or GND
0.1
10
µA
IIHZ/IILZ
pins
VCC = 3.6V; VI = VCC or GND
0.1
15
µA
IO
3-State output OFF-state
VCC = 1.8 to 2.7V; VI = VIH or VIL;
VO = VCC or GND
0.1
5
µA
IOZ
current
VCC = 2.7 to 3.6V; VI = VIH or VIL;
VO = VCC or GND
0.1
10
µA
ICC
Quiescent supply current
VCC = 1.8 to 2.7V; VI = VCC or GND; IO = 0
0.1
20
µA
ICC
Quiescent supply current
VCC = 2.7 to 3.6V; VI = VCC or GND; IO = 0
0.2
40
µA
∆ICC
Additional quiescent supply
current given per control pin
VCC = 2 7V to 3 6V; V =VCC 06V; IO =0
5
500
µA
∆ICC
Additional quiescent supply
current given per data I/O pin
VCC = 2.7V to 3.6V; VI = VCC – 0.6V; IO = 0
150
750
µA
I
2
Bus hold LOW sustaining
VCC = 2.3V; VI = 0.7V
45
µA
IBHL2
g
current
VCC = 3.0V; VI = 0.8V
75
150
µA
I
2
Bus hold HIGH sustaining
VCC = 2.3V; VI = 1.7V
–45
µA
IBHH2
g
current
VCC = 3.0V; VI = 2.0V
–75
–175
µA
I
O
2
Bus hold LOW overdrive
VCC = 2.7V
300
µA
IBHLO2
current
VCC = 3.6V
450
µA
I
O
2
Bus hold HIGH overdrive
VCC = 2.7V
–300
µA
IBHHO2
current
VCC = 3.6V
–450
µA
NOTES:
1. All typical values are at Tamb = 25°C.
2. Valid for data inputs of bus hold parts.


Numéro de pièce similaire - 74ALVCH16374DGG

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74ALVCH16374DGG NEXPERIA-74ALVCH16374DGG Datasheet
232Kb / 13P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 7 - 23 November 2021
logo
Texas Instruments
74ALVCH16374DGGRE4 TI-74ALVCH16374DGGRE4 Datasheet
318Kb / 14P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results

Description similaire - 74ALVCH16374DGG

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ALVT16374 PHILIPS-74ALVT16374 Datasheet
99Kb / 12P
   2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State
1999 Oct 18
74LVT16374A PHILIPS-74LVT16374A Datasheet
86Kb / 10P
   3.3V LVT 16-bit edge-triggered D-type flip-flop 3-State
1999 Oct 18
logo
Integrated Device Techn...
IDT74LVC16374A IDT-IDT74LVC16374A_15 Datasheet
106Kb / 6P
   3.3V CMOS 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Texas Instruments
SN74ALVCH162374 TI-SN74ALVCH162374_04 Datasheet
318Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374 TI-SN74LVC16374 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AVC16374 TI-SN74AVC16374_06 Datasheet
369Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI1-SN74LVCH16374A_14 Datasheet
918Kb / 24P
[Old version datasheet]   16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
SN74AUC16374 TI-SN74AUC16374 Datasheet
299Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI-SN74LVCH16374A_07 Datasheet
392Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374A TI1-SN74LVC16374A_14 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com