Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DS21FT44 Fiches technique(PDF) 27 Page - Dallas Semiconductor

No de pièce DS21FT44
Description  4x3 Twelve Channel E1 Framer, 4x4 Sixteen Channel E1 Framer
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DALLAS [Dallas Semiconductor]
Site Internet  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21FT44 Fiches technique(HTML) 27 Page - Dallas Semiconductor

Back Button DS21FT44 Datasheet HTML 23Page - Dallas Semiconductor DS21FT44 Datasheet HTML 24Page - Dallas Semiconductor DS21FT44 Datasheet HTML 25Page - Dallas Semiconductor DS21FT44 Datasheet HTML 26Page - Dallas Semiconductor DS21FT44 Datasheet HTML 27Page - Dallas Semiconductor DS21FT44 Datasheet HTML 28Page - Dallas Semiconductor DS21FT44 Datasheet HTML 29Page - Dallas Semiconductor DS21FT44 Datasheet HTML 30Page - Dallas Semiconductor DS21FT44 Datasheet HTML 31Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 110 page
background image
DS21FT44/DS21FF44
27 of 110
Signal Name:
JTDI
Signal Description:
IEEE 1149.1 Test Data Input
Signal Type:
Input
Test instructions and data are clocked into this pin on the rising edge of JTCLK. If not used, this pin
should be pulled high. This function is available when FMS = 0. FMS is tied to ground for the
DS21FF44/DS21FT44.
Signal Name:
JTDO
Signal Description:
IEEE 1149.1 Test Data Output
Signal Type:
Output
Test instructions and data are clocked out of this pin on the falling edge of JTCLK. If not used, this pin
should be left unconnected. This function is available when FMS = 0. FMS is tied to ground for the
DS21FF44/DS21FT44.
SUPPLY PINS
Signal Name:
VDD
Signal Description:
Positive Supply
Signal Type:
Supply
2.97 to 3.63 volts.
Signal Name:
VSS
Signal Description:
Signal Ground
Signal Type:
Supply
0.0 volts.
8. DS21Q44 REGISTER MAP
Register Map Sorted by Address Table 8-1
ADDRESS
R/W
REGISTER NAME
REGISTER ABBREVIATION
00
R
BPV or Code Violation Count 1
VCR1
01
R
BPV or Code Violation Count 2
VCR2
02
R
CRC4 Error Count 1 / FAS Error
Count 1
CRCCR1
03
R
CRC4 Error Count 2
CRCCR2
04
R
E-Bit Count 1 / FAS Error Count 2
EBCR1
05
R
E-Bit Count 2
EBCR2
06
R/W
Status 1
SR1
07
R/W
Status 2
SR2
08
R/W
Receive Information
RIR
09
R/W
Test 2
TEST2 (set to 00h)
0A
Not used
(set to 00H)
0B
Not used
(set to 00H)
0C
Not used
(set to 00H)
0D
Not used
(set to 00H)
0E
Not used
(set to 00H)
0F
R
Device ID
IDR
10
R/W
Receive Control 1
RCR1
11
R/W
Receive Control 2
RCR2


Numéro de pièce similaire - DS21FT44

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
DS21FT44 MAXIM-DS21FT44 Datasheet
696Kb / 117P
   x 3 12-Channel E1 Framer 4 x 4 16-Channel E1 Framer
071702
More results

Description similaire - DS21FT44

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
DS21FF44 MAXIM-DS21FF44 Datasheet
696Kb / 117P
   x 3 12-Channel E1 Framer 4 x 4 16-Channel E1 Framer
071702
DS21Q43A MAXIM-DS21Q43A Datasheet
748Kb / 60P
   Quad E1 Framer
092299
logo
PMC-Sierra, Inc
PM6344 PMC-PM6344 Datasheet
1Mb / 2P
   QUADRUPLE E1 FRAMER
PM6341 PMC-PM6341 Datasheet
934Kb / 2P
   E1 FRAMER/TRANSCEIVER
PM6341E1XC PMC-PM6341E1XC Datasheet
915Kb / 272P
   E1 FRAMER/TRANSCEIVER
PM6344-1 PMC-PM6344-1 Datasheet
1,017Kb / 256P
   QUADRUPLE E1 FRAMER
logo
Dallas Semiconductor
DS21Q43A DALLAS-DS21Q43A Datasheet
748Kb / 60P
   Quad E1 Framer
logo
PMC-Sierra, Inc
PM6344 PMC-PM6344 Datasheet
67Kb / 2P
   Quad E1 Framer
PM6388 PMC-PM6388 Datasheet
66Kb / 4P
   Octal E1 Framer
PM6388 PMC-PM6388 Datasheet
2Mb / 345P
   OCTAL E1 FRAMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com