Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DS21FT44 Fiches technique(PDF) 13 Page - Dallas Semiconductor

No de pièce DS21FT44
Description  4x3 Twelve Channel E1 Framer, 4x4 Sixteen Channel E1 Framer
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DALLAS [Dallas Semiconductor]
Site Internet  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21FT44 Fiches technique(HTML) 13 Page - Dallas Semiconductor

Back Button DS21FT44 Datasheet HTML 9Page - Dallas Semiconductor DS21FT44 Datasheet HTML 10Page - Dallas Semiconductor DS21FT44 Datasheet HTML 11Page - Dallas Semiconductor DS21FT44 Datasheet HTML 12Page - Dallas Semiconductor DS21FT44 Datasheet HTML 13Page - Dallas Semiconductor DS21FT44 Datasheet HTML 14Page - Dallas Semiconductor DS21FT44 Datasheet HTML 15Page - Dallas Semiconductor DS21FT44 Datasheet HTML 16Page - Dallas Semiconductor DS21FT44 Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 110 page
background image
DS21FT44/DS21FF44
13 of 110
Lead
Symbol
I/O
Description
T3
TSER8
I
Transmit Serial Data for Framer 8.
M16
TSER9
I
Transmit Serial Data for Framer 9.
W9
TSER10
I
Transmit Serial Data for Framer 10.
W16
TSER11
I
Transmit Serial Data for Framer 11.
W20
TSER12
I
Transmit Serial Data for Framer 12.
D13
TSER13/NC
I
Transmit Serial Data for Framer 13. NC on Four x Three.
F17
TSER14/NC
I
Transmit Serial Data for Framer 14. NC on Four x Three.
D18
TSER15/NC
I
Transmit Serial Data for Framer 15. NC on Four x Three.
A18
TSER16/NC
I
Transmit Serial Data for Framer 16. NC on Four x Three.
C4
TSIG1
I
Transmit Signaling Input for Framer 1.
F1
TSIG2
I
Transmit Signaling Input for Framer 2.
G4
TSIG3
I
Transmit Signaling Input for Framer 3.
C10
TSIG4
I
Transmit Signaling Input for Framer 4.
L3
TSIG5
I
Transmit Signaling Input for Framer 5.
U2
TSIG6
I
Transmit Signaling Input for Framer 6.
V9
TSIG7
I
Transmit Signaling Input for Framer 7.
R5
TSIG8
I
Transmit Signaling Input for Framer 8.
U15
TSIG9
I
Transmit Signaling Input for Framer 9.
V10
TSIG10
I
Transmit Signaling Input for Framer 10.
U18
TSIG11
I
Transmit Signaling Input for Framer 11.
R18
TSIG12
I
Transmit Signaling Input for Framer 12.
E11
TSIG13/NC
I
Transmit Signaling Input for Framer 13. NC on Four x
Three.
P19
TSIG14/NC
I
Transmit Signaling Input for Framer 14. NC on Four x
Three.
B20
TSIG15/NC
I
Transmit Signaling Input for Framer 15. NC on Four x
Three.
A16
TSIG16/NC
I
Transmit Signaling Input for Framer 16. NC on Four x
Three.
A3
TSSYNC1
I
Transmit System Sync for Framer 1.
F2
TSSYNC2
I
Transmit System Sync for Framer 2.
G5
TSSYNC3
I
Transmit System Sync for Framer 3.
E8
TSSYNC4
I
Transmit System Sync for Framer 4.
L4
TSSYNC5
I
Transmit System Sync for Framer 5.
U1
TSSYNC6
I
Transmit System Sync for Framer 6.
Y7
TSSYNC7
I
Transmit System Sync for Framer 7.
R4
TSSYNC8
I
Transmit System Sync for Framer 8.
T15
TSSYNC9
I
Transmit System Sync for Framer 9.
W8
TSSYNC10
I
Transmit System Sync for Framer 10.
Y17
TSSYNC11
I
Transmit System Sync for Framer 11.
U19
TSSYNC12
I
Transmit System Sync for Framer 12.
C13
TSSYNC13/NC
I
Transmit System Sync for Framer 13. NC on Four x
Three.
R20
TSSYNC14/NC
I
Transmit System Sync for Framer 14. NC on Four x
Three.
D20
TSSYNC15/NC
I
Transmit System Sync for Framer 15. NC on Four x
Three.


Numéro de pièce similaire - DS21FT44

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
DS21FT44 MAXIM-DS21FT44 Datasheet
696Kb / 117P
   x 3 12-Channel E1 Framer 4 x 4 16-Channel E1 Framer
071702
More results

Description similaire - DS21FT44

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
DS21FF44 MAXIM-DS21FF44 Datasheet
696Kb / 117P
   x 3 12-Channel E1 Framer 4 x 4 16-Channel E1 Framer
071702
DS21Q43A MAXIM-DS21Q43A Datasheet
748Kb / 60P
   Quad E1 Framer
092299
logo
PMC-Sierra, Inc
PM6344 PMC-PM6344 Datasheet
1Mb / 2P
   QUADRUPLE E1 FRAMER
PM6341 PMC-PM6341 Datasheet
934Kb / 2P
   E1 FRAMER/TRANSCEIVER
PM6341E1XC PMC-PM6341E1XC Datasheet
915Kb / 272P
   E1 FRAMER/TRANSCEIVER
PM6344-1 PMC-PM6344-1 Datasheet
1,017Kb / 256P
   QUADRUPLE E1 FRAMER
logo
Dallas Semiconductor
DS21Q43A DALLAS-DS21Q43A Datasheet
748Kb / 60P
   Quad E1 Framer
logo
PMC-Sierra, Inc
PM6344 PMC-PM6344 Datasheet
67Kb / 2P
   Quad E1 Framer
PM6388 PMC-PM6388 Datasheet
66Kb / 4P
   Octal E1 Framer
PM6388 PMC-PM6388 Datasheet
2Mb / 345P
   OCTAL E1 FRAMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com