Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DS21FT44 Fiches technique(PDF) 62 Page - Dallas Semiconductor

No de pièce DS21FT44
Description  4x3 Twelve Channel E1 Framer, 4x4 Sixteen Channel E1 Framer
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DALLAS [Dallas Semiconductor]
Site Internet  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21FT44 Fiches technique(HTML) 62 Page - Dallas Semiconductor

Back Button DS21FT44 Datasheet HTML 58Page - Dallas Semiconductor DS21FT44 Datasheet HTML 59Page - Dallas Semiconductor DS21FT44 Datasheet HTML 60Page - Dallas Semiconductor DS21FT44 Datasheet HTML 61Page - Dallas Semiconductor DS21FT44 Datasheet HTML 62Page - Dallas Semiconductor DS21FT44 Datasheet HTML 63Page - Dallas Semiconductor DS21FT44 Datasheet HTML 64Page - Dallas Semiconductor DS21FT44 Datasheet HTML 65Page - Dallas Semiconductor DS21FT44 Datasheet HTML 66Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 110 page
background image
DS21FT44/DS21FF44
62 of 110
TSER pin via the clearing of the TCR1.3 bit. Please see the timing diagrams and the transmit data flow
diagram in Section 22 for examples.
18.2. INTERNAL REGISTER SCHEME BASED ON DOUBLE–FRAME
On the receive side, the RAF and RNAF registers will always report the data as it received in the
Additional and International bit locations. The RAF and RNAF registers are updated with the setting of
the Receive Align Frame bit in Status Register 2 (SR2.6). The host can use the SR2.6 bit to know when
to read the RAF and RNAF registers. It has 250 us to retrieve the data before it is lost.
On the transmit side, data is sampled from the TAF and TNAF registers with the setting of the Transmit
Align Frame bit in Status Register 2 (SR2.3). The host can use the SR2.3 bit to know when to update the
TAF and TNAF registers. It has 250 us to update the data or else the old data will be retransmitted. Data
in the Si bit position will be overwritten if the framer is programmed: (1) to source the Si bits from the
TSER pin, (2) in the CRC4 mode, or (3) have automatic E–bit insertion enabled. Data in the Sa bit
position will be overwritten if any of the TCR2.3 to TCR2.7 bits are set to one (please see Section 18.1
for details). Please see the register descriptions for TCR1 and TCR2 and the Transmit Data Flow
diagram in Section 18 for more details.
RAF: RECEIVE ALIGN FRAME REGISTER (Address=2F Hex)
(MSB)
(LSB)
Si
00
110
11
SYMBOL
POSITION
NAME AND DESCRIPTION
Si
RAF.7
International Bit.
0RAF.6
Frame Alignment Signal Bit.
0RAF.5
Frame Alignment Signal Bit.
1RAF.4
Frame Alignment Signal Bit.
1RAF.3
Frame Alignment Signal Bit.
0RAF.2
Frame Alignment Signal Bit.
1RAF.1
Frame Alignment Signal Bit
1RAF.0
Frame Alignment Signal Bit.
RNAF: RECEIVE NON–ALIGN FRAME REGISTER (Address=1F Hex)
(MSB)
(LSB)
Si
1
A
Sa4
Sa5
Sa6
Sa7
Sa8
SYMBOL
POSITION
NAME AND DESCRIPTION
Si
RNAF.7
International Bit.
1
RNAF.6
Frame Non–Alignment Signal Bit.
A
RNAF.5
Remote Alarm.
Sa4
RNAF.4
Additional Bit 4.
Sa5
RNAF.3
Additional Bit 5.
Sa6
RNAF.2
Additional Bit 6.
Sa7
RNAF.1
Additional Bit 7.
Sa8
RNAF.0
Additional Bit 8.


Numéro de pièce similaire - DS21FT44

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
DS21FT44 MAXIM-DS21FT44 Datasheet
696Kb / 117P
   x 3 12-Channel E1 Framer 4 x 4 16-Channel E1 Framer
071702
More results

Description similaire - DS21FT44

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
DS21FF44 MAXIM-DS21FF44 Datasheet
696Kb / 117P
   x 3 12-Channel E1 Framer 4 x 4 16-Channel E1 Framer
071702
DS21Q43A MAXIM-DS21Q43A Datasheet
748Kb / 60P
   Quad E1 Framer
092299
logo
PMC-Sierra, Inc
PM6344 PMC-PM6344 Datasheet
1Mb / 2P
   QUADRUPLE E1 FRAMER
PM6341 PMC-PM6341 Datasheet
934Kb / 2P
   E1 FRAMER/TRANSCEIVER
PM6341E1XC PMC-PM6341E1XC Datasheet
915Kb / 272P
   E1 FRAMER/TRANSCEIVER
PM6344-1 PMC-PM6344-1 Datasheet
1,017Kb / 256P
   QUADRUPLE E1 FRAMER
logo
Dallas Semiconductor
DS21Q43A DALLAS-DS21Q43A Datasheet
748Kb / 60P
   Quad E1 Framer
logo
PMC-Sierra, Inc
PM6344 PMC-PM6344 Datasheet
67Kb / 2P
   Quad E1 Framer
PM6388 PMC-PM6388 Datasheet
66Kb / 4P
   Octal E1 Framer
PM6388 PMC-PM6388 Datasheet
2Mb / 345P
   OCTAL E1 FRAMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com