Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVCH16373 Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce 74ALVCH16373
Description  2.5V/3.3V 16-bit D-type transparent latch 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16373 Fiches technique(HTML) 1 Page - NXP Semiconductors

  74ALVCH16373 Datasheet HTML 1Page - NXP Semiconductors 74ALVCH16373 Datasheet HTML 2Page - NXP Semiconductors 74ALVCH16373 Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16373 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16373 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16373 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16373 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16373 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16373 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Philips
Semiconductors
74ALVCH16373
2.5V/3.3V 16-bit D-type transparent latch
(3-State)
Product specification
Supersedes data of 1998 Jun 29
IC24 Data Handbook
1999 Sep 20
INTEGRATED CIRCUITS


Numéro de pièce similaire - 74ALVCH16373

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74ALVCH16373 FAIRCHILD-74ALVCH16373 Datasheet
95Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold
logo
ON Semiconductor
74ALVCH16373 ONSEMI-74ALVCH16373 Datasheet
143Kb / 12P
   LOW-VOLTAGE 16-BIT TRANSPARENT LATCH WITH BUS HOLD 1.8/2.5/3.3 V
September, 2002 ??Rev. 1
logo
STMicroelectronics
74ALVCH16373 STMICROELECTRONICS-74ALVCH16373 Datasheet
279Kb / 11P
   LOW VOLTAGE CMOS 16-BITD-TYPE LATCH (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
NXP Semiconductors
74ALVCH16373 PHILIPS-74ALVCH16373 Datasheet
128Kb / 18P
   2.5 V/3.3 V 16-bit D-type transparent latch; 3-state
Rev. 6-10 July 2012
logo
Nexperia B.V. All right...
74ALVCH16373 NEXPERIA-74ALVCH16373 Datasheet
238Kb / 14P
   2.5 V/3.3 V 16-bit D-type transparent latch; 3-state
Rev. 8 - 22 November 2021
More results

Description similaire - 74ALVCH16373

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ALVT16373_3 PHILIPS-74ALVT16373_3_15 Datasheet
116Kb / 12P
   2.5V/3.3V 16-bit transparent D-type latch (3-State)
1999 Oct 18
74ALVT16373 PHILIPS-74ALVT16373 Datasheet
99Kb / 12P
   2.5V/3.3V 16-bit transparent D-type latch 3-State
1999 Oct 18
74LVT16373A PHILIPS-74LVT16373A Datasheet
86Kb / 10P
   3.3V LVT 16-bit transparent D-type latch 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74ALVT16373 NEXPERIA-74ALVT16373 Datasheet
243Kb / 14P
   16-bit transparent D-type latch; 3-state
Rev. 5 - 14 July 2021
logo
NXP Semiconductors
74LVT573 PHILIPS-74LVT573 Datasheet
99Kb / 12P
   3.3V Octal D-type transparent latch 3-State
1998 Feb 19
logo
Integrated Device Techn...
IDT74LVC16373A IDT-IDT74LVC16373A_15 Datasheet
106Kb / 6P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH
IDT74LVCH162373A IDT-IDT74LVCH162373A Datasheet
223Kb / 6P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH
logo
Texas Instruments
SN74AUC16373 TI-SN74AUC16373 Datasheet
224Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A_06 Datasheet
329Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373_07 Datasheet
488Kb / 19P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com