Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVCH162244DGG Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce 74ALVCH162244DGG
Description  16-bit buffer/line driver with 30ohm termination resistor 3-State
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH162244DGG Fiches technique(HTML) 1 Page - NXP Semiconductors

  74ALVCH162244DGG Datasheet HTML 1Page - NXP Semiconductors 74ALVCH162244DGG Datasheet HTML 2Page - NXP Semiconductors 74ALVCH162244DGG Datasheet HTML 3Page - NXP Semiconductors 74ALVCH162244DGG Datasheet HTML 4Page - NXP Semiconductors 74ALVCH162244DGG Datasheet HTML 5Page - NXP Semiconductors 74ALVCH162244DGG Datasheet HTML 6Page - NXP Semiconductors 74ALVCH162244DGG Datasheet HTML 7Page - NXP Semiconductors 74ALVCH162244DGG Datasheet HTML 8Page - NXP Semiconductors 74ALVCH162244DGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Philips
Semiconductors
74ALVCH162244
16-bit buffer/line driver
with 30
Ω termination resistor (3-State)
Product specification
1998 Jun 29
INTEGRATED CIRCUITS
IC24 Data Handbook


Numéro de pièce similaire - 74ALVCH162244DGG

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74ALVCH162244DGG NEXPERIA-74ALVCH162244DGG Datasheet
185Kb / 14P
   16-bit buffer/line driver with 30 Ω termination resistor; 3-State
Rev. 3 - 16 January 2018
More results

Description similaire - 74ALVCH162244DGG

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162244 PHILIPS-74ALVT162244 Datasheet
86Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Oct 07
logo
Nexperia B.V. All right...
74ALVCH162244 NEXPERIA-74ALVCH162244 Datasheet
185Kb / 14P
   16-bit buffer/line driver with 30 Ω termination resistor; 3-State
Rev. 3 - 16 January 2018
logo
NXP Semiconductors
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
74ABT162827A PHILIPS-74ABT162827A Datasheet
78Kb / 11P
   20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Feb 27
74ABT2244 PHILIPS-74ABT2244 Datasheet
104Kb / 12P
   Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Jan 16
74ALVCH162827 PHILIPS-74ALVCH162827 Datasheet
72Kb / 10P
   20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Sep 29
74ALVT162827 PHILIPS-74ALVT162827 Datasheet
83Kb / 10P
   20-bit buffer/line driver, non-inverting, with 30ohm termination resistors 3-State
1998 Feb 13
74LVT162240A PHILIPS-74LVT162240A Datasheet
70Kb / 10P
   3.3V LVT 16-bit inverting buffer/driver with 30ohm termination resistors 3-State
1998 Feb 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com