Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVC16835A Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce 74ALVC16835A
Description  18-bit registered driver 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC16835A Fiches technique(HTML) 4 Page - NXP Semiconductors

  74ALVC16835A Datasheet HTML 1Page - NXP Semiconductors 74ALVC16835A Datasheet HTML 2Page - NXP Semiconductors 74ALVC16835A Datasheet HTML 3Page - NXP Semiconductors 74ALVC16835A Datasheet HTML 4Page - NXP Semiconductors 74ALVC16835A Datasheet HTML 5Page - NXP Semiconductors 74ALVC16835A Datasheet HTML 6Page - NXP Semiconductors 74ALVC16835A Datasheet HTML 7Page - NXP Semiconductors 74ALVC16835A Datasheet HTML 8Page - NXP Semiconductors 74ALVC16835A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
Product specification
74ALVC16835A
18-bit registered driver (3-State)
2000 Mar 14
4
LOGIC SYMBOL (IEEE/IEC)
1, 2
5, 6
30
28
54
52
51
49
48
47
45
44
43
42
41
40
38
37
36
34
33
31
3
5
6
8
9
10
12
13
14
15
16
17
19
20
21
23
24
25
4D
8D
27
3C4
EN5
G7
A18
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
OE
CP
Y18
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
Y9
Y10
Y11
Y12
Y13
Y14
Y15
Y16
Y17
LE
SH00190
FUNCTION TABLE
INPUTS
OUTPUTS
OE
LE
CP
A
OUTPUTS
H
X
X
X
Z
L
H
X
L
L
L
H
X
H
H
L
L
L
L
L
L
H
H
L
L
H
X
Y01
L
L
L
X
Y02
H
=
HIGH voltage level
L
=
LOW voltage level
X
=
Don’t care
Z
=
High impedance “off” state
=
LOW-to-HIGH level transition
NOTES:
1. Output level before the indicated steady-state input conditions
were established, provided that CP is high before LE goes low.
2. Output level before the indicated steady-state input conditions
were established.


Numéro de pièce similaire - 74ALVC16835A

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74ALVC16835A NEXPERIA-74ALVC16835A Datasheet
200Kb / 15P
   18-bit registered driver; 3-state
Rev. 7 - 19 January 2018
74ALVC16835ADGG NEXPERIA-74ALVC16835ADGG Datasheet
200Kb / 15P
   18-bit registered driver; 3-state
Rev. 7 - 19 January 2018
logo
NXP Semiconductors
74ALVC16835A PHILIPS-74ALVC16835A_15 Datasheet
123Kb / 12P
   74ALVC16835A_15
2000 Mar 14
More results

Description similaire - 74ALVC16835A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AVC16835 PHILIPS-74AVC16835 Datasheet
89Kb / 10P
   18-bit registered driver 3-State
1999 Jul 23
logo
Nexperia B.V. All right...
74ALVC16835A NEXPERIA-74ALVC16835A Datasheet
200Kb / 15P
   18-bit registered driver; 3-state
Rev. 7 - 19 January 2018
logo
NXP Semiconductors
74ALVCHT16835 PHILIPS-74ALVCHT16835 Datasheet
93Kb / 12P
   18-bit registered driver (3-State)
2002 Jun 05
74AVC16835A_5 PHILIPS-74AVC16835A_5_15 Datasheet
125Kb / 12P
   18-bit registered driver with Dynamic Controlled OutputsE (3-State)
2002 Mar 15
74ALVC162835A PHILIPS-74ALVC162835A Datasheet
94Kb / 12P
   18-bit registered driver with 30ohm termination resistors (3-State)
2000 Jun 20
74ALVC16834A PHILIPS-74ALVC16834A Datasheet
121Kb / 12P
   18-bit registered driver with inverted register enable 3-State
2000 Mar 14
logo
Nexperia B.V. All right...
74AVC16835A NEXPERIA-74AVC16835A Datasheet
236Kb / 15P
   18-bit registered driver with Dynamic Controlled Outputs 3-state
logo
NXP Semiconductors
74AVC16834 PHILIPS-74AVC16834 Datasheet
90Kb / 10P
   18-bit registered driver with inverted register enable 3-State
1999 Jul 23
logo
Nexperia B.V. All right...
74ALVC16834A NEXPERIA-74ALVC16834A Datasheet
200Kb / 15P
   18-bit registered driver with inverted register enable; 3-state
Rev. 2 - 21 November 2017
logo
NXP Semiconductors
74AVCM162835 PHILIPS-74AVCM162835 Datasheet
97Kb / 10P
   18-bit registered driver with 15 ohm termination resistors 3-State
2001 Apr 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com