Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CX380D5 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce CX380D5
Description  5Amp 120/240, 380, 480 Vac AC Output SIP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

CX380D5 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  CX380D5 Datasheet HTML 1Page - List of Unclassifed Manufacturers CX380D5 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AC CONTROL
(120Vac)
CX240A5
MODEL NUMBERS
(24Vac)
CXE240A5
DC CONTROL
(5Vdc)
CX240D5
CX380D5
CX480D5
(24Vdc)
CXE240D5
CXE380D5
CXE480D5
OUTPUT SPECIFICATIONS
Operating Voltage (47-63 Hz) [Vrms]
12-280
48-530
48-660
Load Current Range [Arms]
.06-5
.06-5
.06-5
Transient Overvoltage [Vpk]
600
1200
1200
Max. Surge Current, (16.6ms) [Apk]
250
250
250
Max. On-State Voltage Drop @ Rated Current [Vpk]
1.4
1.4
1.4
Maximum I2 t for Fusing, (8.3 msec.) [A2sec]
260
260
260
Max. Off-State Leakage Current @ Rated Voltage [mArms]
0.1
0.1
0.1
Min. Off-State dv/dt @ Max. Rated Voltage [V/µsec]
500
500
500
Max. Turn-On Time
1/2 Cycle (DC Control), 10.0 msec (AC Control)
Max. Turn-Off Time
1/2 Cycle (DC Control), 40.0 msec (AC Control)
Power Factor (Min.) with Max. Load
0.5
0.5
0.5
INPUT SPECIFICATIONS
DC CONTROL
AC CONTROL
Nominal Voltage
5Vdc
5Vdc
24Vdc
120Vac
24Vac
CXE240D5
MODEL NUMBERS
CX380D5
CXE380D5
CX240D5
CX480D5
CXE480D5
CX240A5
CXE240A5
Control Voltage Range
3-15 Vdc
4-15 Vdc
15-32 Vdc
90-140 Vrms
18-36 Vrms
Max. Turn-On Voltage
3.0 Vdc
4.0 Vdc
15.0 Vdc
90.0 Vrms
18.0 Vrms
Min. Turn-Off Voltage
1.0 Vdc
1.0 Vdc
1.0 Vdc
10.0 Vrms
2.0 Vrms
Nominal Input Impedance
300 Ohm
240 Ohm
1500 Ohm
14.1k Ohm
4.2k Ohm
Typical Input Current @ Nominal Voltage
15 mAdc
15 mAdc
15 mAdc
10 mArms
5 mArms
G E N E R A L NO T ES
All parameters at 25ºC unless otherwise specified.
Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1
Turn-On Time for Random Turn-On versions 0.1msec (DC Control Models).
• SCR Output
• Ultra High Surge Rating
• Crydom’s Patented Design
Crydom's family of SPST-NO relays
achieves the highest power switching
capability in a PC-mounted air-cooled
package.
Advanced features include
FastFax Document No.107
SERIES CX.
Rev. 012402
PAGE 1 OF 2
Series CX
5Amp • 120/240, 380, 480 Vac • AC Output SIP
exceptional steady state current, plus
ultra-high surge ratings.
Models are
available to switch up to 660 Vrms with
AC or DC control, and either zero-cross
or random turn-on ("R") switching ver-
sions. Pinout is compatible with Series
6 and OAC type I/O modules.
Manufactured in Crydom’s ISO 9002
Certified facility for optimum product
performance and reliability.
©2001 CRYDOM CORP, Specifications subject to change without notice.
For recommended applications and more information contact:
USA: Sales Support (877) 502-5500 Tech Support (877) 702-7700 FAX (619) 710-8540
Crydom Corp, 2320 Paseo de las Americas, Ste. 201, San Diego, CA 92154
Email: sales@crydom.com WEB SITE: http://www.crydom.com
UK: +44 (0)1202 365070 • FAX +44 (0)1202 365090 Crydom International Ltd., 7 Cobham
Road, Ferndown Industrial Estate, Ferndown, Dorset BH21 7PE, Email: intsales@crydom.com.
GERMANY: +49 (0)180 3000 506


Numéro de pièce similaire - CX380D5

FabricantNo de pièceFiches techniqueDescription
logo
Crydom Inc.,
CX380D5 CRYDOM-CX380D5 Datasheet
483Kb / 4P
   PCB Mount
CX380D5 CRYDOM-CX380D5 Datasheet
660Kb / 5P
   Ratings of 5A @ 660 VAC
CX380D5 CRYDOM-CX380D5 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
CX380D5 CRYDOM-CX380D5 Datasheet
744Kb / 5P
   PCB Mount
CX380D5 CRYDOM-CX380D5 Datasheet
593Kb / 5P
   PCB Mount
More results

Description similaire - CX380D5

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
PF240A25 ETC1-PF240A25 Datasheet
36Kb / 2P
   Up to 25Amp 120/240, 380, 480 Vac AC Output
A24110 ETC2-A24110 Datasheet
81Kb / 2P
   120/240, 480 Vac / AC Output
EZ240A12 ETC1-EZ240A12 Datasheet
56Kb / 2P
   5-18Amp 120/240, 480 Vac AC Output
H12D4825DE ETC1-H12D4825DE Datasheet
37Kb / 2P
   25-40Amp 120/240, 480 Vac AC OUTPUT
D2W202F ETC1-D2W202F Datasheet
23Kb / 1P
   2-3.5 Amps 120/240 Vac AC Output SIP
AO241 ETC1-AO241 Datasheet
23Kb / 1P
   1.0-2.0 Amp 120/240 Vac AC Output MINI-SIP
TD2420Q ETC1-TD2420Q Datasheet
34Kb / 2P
   20Amp 120/240 Vac AC Output
CSD2410 ETC1-CSD2410 Datasheet
45Kb / 3P
   10-90Amp 120/240 Vac AC OUTPUT
S218 ETC1-S218 Datasheet
23Kb / 1P
   8 Amp 120, 240 Vac AC Output
S312 ETC1-S312 Datasheet
23Kb / 1P
   3 Amp 120, 240 Vac AC Output
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com