Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTS7960 Fiches technique(PDF) 18 Page - Infineon Technologies AG

No de pièce BTS7960
Description  High Current PN Half Bridge NovalithIC 43 A, 7 m?? 9 m?
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7960 Fiches technique(HTML) 18 Page - Infineon Technologies AG

Back Button BTS7960 Datasheet HTML 14Page - Infineon Technologies AG BTS7960 Datasheet HTML 15Page - Infineon Technologies AG BTS7960 Datasheet HTML 16Page - Infineon Technologies AG BTS7960 Datasheet HTML 17Page - Infineon Technologies AG BTS7960 Datasheet HTML 18Page - Infineon Technologies AG BTS7960 Datasheet HTML 19Page - Infineon Technologies AG BTS7960 Datasheet HTML 20Page - Infineon Technologies AG BTS7960 Datasheet HTML 21Page - Infineon Technologies AG BTS7960 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
High Current PN Half Bridge
BTS 7960
Block Description and Characteristics
Data Sheet
17
Rev. 1.1, 2004-12-07
4.4
Control and Diagnostics
4.4.1
Input Circuit
The control inputs IN and INH consist of TTL/CMOS compatible schmitt triggers with
hysteresis which control the integrated gate drivers for the MOSFETs. Setting the INH
pin to high enables the device. In this condition one of the two power switches is switched
on depending on the status of the IN pin. To deactivate both switches, the INH pin has
to be set to low. No external driver is needed. The BTS 7960 can be interfaced directly
to a microcontroller.
4.4.2
Dead Time Generation
In bridge applications it has to be assured that the highside and lowside MOSFET are
not conducting at the same time, connecting directly the battery voltage to GND. This is
assured by a circuit in the driver IC, generating a so called dead time between switching
off one MOSFET and switching on the other. The dead time generated in the driver IC is
automatically adjusted to the selected slew rate.
4.4.3
Adjustable Slew Rate
In order to optimize electromagnetic emission, the switching speed of the MOSFETs is
adjustable by an external resistor. The slew rate pin SR allows the user to optimize the
balance between emission and power dissipation within his own application by
connecting an external resistor
RSR to GND.
4.4.4
Status Flag Diagnosis With Current Sense Capability
The status pin IS is used as a combined current sense and error flag output. In normal
operation (current sense mode), a current source is connected to the status pin, which
delivers a current proportional to the forward load current flowing through the active high
side switch. If the high side switch is inactive or the current is flowing in the reverse
direction no current will be driven except for a marginal leakage current
IIS(LK). The
external resistor
RIS determines the voltage per output current. E.g. with the nominal
value of 8500 for the current sense ratio
k
ILIS = IL / IIS, a resistor value of RIS = 1kΩ leads
to
VIS = (IL / 8.5 A)V. In case of a fault condition the status output is connected to a
current source which is independent of the load current and provides
I
IS(lim). The
maximum voltage at the IS pin is determined by the choice of the external resistor and
the supply voltage. In case of current limitation the
IIS(lim) is activated for 2 * tCLS.


Numéro de pièce similaire - BTS7960

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BTS7904B INFINEON-BTS7904B Datasheet
212Kb / 13P
   OptiMOS -T PN Half Bridge
V1.0 2008-07-18
BTS7904S INFINEON-BTS7904S Datasheet
211Kb / 13P
   OptiMOS -T PN Half Bridge
V1.0 2008-07-08
BTS7930B INFINEON-BTS7930B Datasheet
815Kb / 28P
   High Current PN Half Bridge NovalithIC 30 A, 10 m?? 18 m??typ.
Rev. 2.0, June 2006
BTS7970B INFINEON-BTS7970B Datasheet
305Kb / 28P
   High Current PN Half Bridge NovalithIC 68 A, 7 m?? 9 m??typ.
Rev. 2.0, 2006-05-09
More results

Description similaire - BTS7960

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BTS7970B INFINEON-BTS7970B Datasheet
305Kb / 28P
   High Current PN Half Bridge NovalithIC 68 A, 7 m?? 9 m??typ.
Rev. 2.0, 2006-05-09
BTN7933B INFINEON-BTN7933B Datasheet
737Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTS7930B INFINEON-BTS7930B Datasheet
815Kb / 28P
   High Current PN Half Bridge NovalithIC 30 A, 10 m?? 18 m??typ.
Rev. 2.0, June 2006
BTN7975B INFINEON-BTN7975B Datasheet
709Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, March 2009
BTN7963B INFINEON-BTN7963B Datasheet
735Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7930 INFINEON-BTN7930 Datasheet
784Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7970 INFINEON-BTN7970 Datasheet
780Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN8960TAAUMA1 INFINEON-BTN8960TAAUMA1 Datasheet
1Mb / 27P
   High Current PN Half Bridge NovalithIC?
Rev. 1.0, 2013-01-31
BTN7973B INFINEON-BTN7973B Datasheet
735Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7960 INFINEON-BTN7960 Datasheet
784Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com