Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTS7930B Fiches technique(PDF) 5 Page - Infineon Technologies AG

No de pièce BTS7930B
Description  High Current PN Half Bridge NovalithIC 30 A, 10 m?? 18 m??typ.
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7930B Fiches technique(HTML) 5 Page - Infineon Technologies AG

  BTS7930B Datasheet HTML 1Page - Infineon Technologies AG BTS7930B Datasheet HTML 2Page - Infineon Technologies AG BTS7930B Datasheet HTML 3Page - Infineon Technologies AG BTS7930B Datasheet HTML 4Page - Infineon Technologies AG BTS7930B Datasheet HTML 5Page - Infineon Technologies AG BTS7930B Datasheet HTML 6Page - Infineon Technologies AG BTS7930B Datasheet HTML 7Page - Infineon Technologies AG BTS7930B Datasheet HTML 8Page - Infineon Technologies AG BTS7930B Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
High Current PN Half Bridge
BTS 7930B
Overview
Data Sheet
4
Rev. 2.0, 2006-06-01
1.2
Terms
Following figure shows the terms used in this data sheet.
Figure 2Terms
I
IN
V
IN
OUT
I
INH
V
IN H
V
SR
I
SR
V
IS
I
IS
V
VS ,VS
I
OUT , I L
V
OU T
V
DS(H S)
GND
I
GND, ID(L S)
I
VS , -ID(HS)
IN
INH
SR
IS
VS
V
SD (L S)
BTS 7930B


Numéro de pièce similaire - BTS7930B

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BTS7904B INFINEON-BTS7904B Datasheet
212Kb / 13P
   OptiMOS -T PN Half Bridge
V1.0 2008-07-18
BTS7904S INFINEON-BTS7904S Datasheet
211Kb / 13P
   OptiMOS -T PN Half Bridge
V1.0 2008-07-08
BTS7960 INFINEON-BTS7960 Datasheet
463Kb / 28P
   High Current PN Half Bridge NovalithIC 43 A, 7 m?? 9 m?
Rev. 1.1, December 2004
BTS7960B INFINEON-BTS7960B Datasheet
463Kb / 28P
   High Current PN Half Bridge NovalithIC 43 A, 7 m?? 9 m?
Rev. 1.1, December 2004
BTS7960P INFINEON-BTS7960P Datasheet
463Kb / 28P
   High Current PN Half Bridge NovalithIC 43 A, 7 m?? 9 m?
Rev. 1.1, December 2004
More results

Description similaire - BTS7930B

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BTS7970B INFINEON-BTS7970B Datasheet
305Kb / 28P
   High Current PN Half Bridge NovalithIC 68 A, 7 m?? 9 m??typ.
Rev. 2.0, 2006-05-09
BTS7960 INFINEON-BTS7960 Datasheet
463Kb / 28P
   High Current PN Half Bridge NovalithIC 43 A, 7 m?? 9 m?
Rev. 1.1, December 2004
BTN7933B INFINEON-BTN7933B Datasheet
737Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7975B INFINEON-BTN7975B Datasheet
709Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, March 2009
BTN7963B INFINEON-BTN7963B Datasheet
735Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7930 INFINEON-BTN7930 Datasheet
784Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7970 INFINEON-BTN7970 Datasheet
780Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN8960TAAUMA1 INFINEON-BTN8960TAAUMA1 Datasheet
1Mb / 27P
   High Current PN Half Bridge NovalithIC?
Rev. 1.0, 2013-01-31
BTN7973B INFINEON-BTN7973B Datasheet
735Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7960 INFINEON-BTN7960 Datasheet
784Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com