Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALS377D Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce 74ALS377D
Description  Octal D flip-flop with enable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS377D Fiches technique(HTML) 5 Page - NXP Semiconductors

  74ALS377D Datasheet HTML 1Page - NXP Semiconductors 74ALS377D Datasheet HTML 2Page - NXP Semiconductors 74ALS377D Datasheet HTML 3Page - NXP Semiconductors 74ALS377D Datasheet HTML 4Page - NXP Semiconductors 74ALS377D Datasheet HTML 5Page - NXP Semiconductors 74ALS377D Datasheet HTML 6Page - NXP Semiconductors 74ALS377D Datasheet HTML 7Page - NXP Semiconductors 74ALS377D Datasheet HTML 8Page - NXP Semiconductors 74ALS377D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74ALS377
Octal D flip-flop with enable
1991 Feb 08
5
AC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITION
Tamb = 0°C to +70°C
VCC = +5.0V ± 10%
CL = 50pF, RL = 500Ω
UNIT
MIN
MAX
fMAX
Maximum clock frequency
Waveform 1
65
MHz
tPLH
tPHL
Propagation delay
CP to Qn
Waveform 1
2.0
3.0
8.0
11.0
ns
AC SETUP REQUIREMENTS
LIMITS
SYMBOL
PARAMETER
TEST CONDITION
Tamb = 0°C to +70°C
VCC = +5.0V ± 10%
CL = 50pF, RL = 500Ω
UNIT
MIN
MAX
tsu(H)
tsu(L)
Setup time, High or Low
Dn to CP
Waveform 2
5.0
5.0
ns
th(H)
th(L)
Hold time, High or Low
Dn to CP
Waveform 2
0.0
0.0
ns
tsu(H)
tsu(L)
Setup time, High or Low
E to CP
Waveform 2
1.0
1.0
ns
th(H)
th(L)
Hold time, High or Low
E to CP
Waveform 2
3.0
3.0
ns
tw(H)
tw(L)
CP pulse width,
High or Low
Waveform 1
6.0
8.0
ns
AC WAVEFORMS
For all waveforms, VM = 1.3V.
The shaded areas indicate when the input is permitted to change for predictable output performance.
CP
VM
VM
VM
tw(H)
1/fmax
VM
VM
tPLH
tw(L)
tPHL
Qn
SF00294
Waveform 1.
Propagation Delay for Clock Input to Output,
Clock Pulse Width, and Maximum Clock Frequency
SC00076
tsu
th
Dn
E
VM
VM
tsu(L)
th = 0
CP
VM
VM
VM
VM
VM
VM
tsu(H)
th = 0
Waveform 2.
Data and Enable Setup and Hold Times


Numéro de pièce similaire - 74ALS377D

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ALS373 PHILIPS-74ALS373 Datasheet
144Kb / 13P
   Latch/flip-flop
1991 Feb 08
74ALS373D PHILIPS-74ALS373D Datasheet
144Kb / 13P
   Latch/flip-flop
1991 Feb 08
74ALS373DB PHILIPS-74ALS373DB Datasheet
144Kb / 13P
   Latch/flip-flop
1991 Feb 08
74ALS373N PHILIPS-74ALS373N Datasheet
144Kb / 13P
   Latch/flip-flop
1991 Feb 08
74ALS374 PHILIPS-74ALS374 Datasheet
144Kb / 13P
   Latch/flip-flop
1991 Feb 08
More results

Description similaire - 74ALS377D

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
SN54LS377 MOTOROLA-SN54LS377 Datasheet
250Kb / 7P
   OCTAL D FLIP-FLOP WITH ENABLE; HEX D FLIP-FLOP WITH ENABLE; 4-BIT D FLIP-FLOP WITH ENABLE
logo
National Semiconductor ...
54AC377 NSC-54AC377 Datasheet
177Kb / 8P
   Octal D Flip-Flop with Clock Enable
logo
Motorola, Inc
MC74AC377 MOTOROLA-MC74AC377 Datasheet
215Kb / 6P
   OCTAL D FLIP-FLOP WITH CLOCK ENABLE
logo
ON Semiconductor
MC74ACT377MEL ONSEMI-MC74ACT377MEL Datasheet
111Kb / 12P
   Octal D Flip-Flop with Clock Enable
May, 2001 ??Rev.6
logo
NXP Semiconductors
74ABT377A PHILIPS-74ABT377A Datasheet
55Kb / 12P
   Octal D-type flip-flop with enable
1997 Feb 26
74AC11377 PHILIPS-74AC11377 Datasheet
177Kb / 7P
   OCTAL D TYPE FLIP FLOP WITH ENABLE
July 30 1990
logo
National Semiconductor ...
54ACTQ377 NSC-54ACTQ377 Datasheet
167Kb / 6P
   Octal D Flip-Flop with Clock Enable
54F377DM NSC-54F377DM Datasheet
143Kb / 8P
   Octal D Flip-Flop with Clock Enable
logo
NXP Semiconductors
74F377A PHILIPS-74F377A Datasheet
84Kb / 10P
   Octal D-type flip-flop with enable
1996 Mar 12
logo
Texas Instruments
74AC11377 TI1-74AC11377_10 Datasheet
107Kb / 8P
[Old version datasheet]   OCTAL D TYPE FLIP FLOP WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com