Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPPM0303 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPPM0303
Description  250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPPM0303 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPPM0303 Datasheet HTML 2Page - Texas Instruments TPPM0303 Datasheet HTML 3Page - Texas Instruments TPPM0303 Datasheet HTML 4Page - Texas Instruments TPPM0303 Datasheet HTML 5Page - Texas Instruments TPPM0303 Datasheet HTML 6Page - Texas Instruments TPPM0303 Datasheet HTML 7Page - Texas Instruments TPPM0303 Datasheet HTML 8Page - Texas Instruments TPPM0303 Datasheet HTML 9Page - Texas Instruments TPPM0303 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TPPM0303
250-mA LOW-DROPOUT REGULATOR
WITH AUXILIARY POWER MANAGEMENT
SLVS364 – FEBRUARY 2001
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
3.3VAUX (Offset = 3.3 V)
(250-mA Load)
5VAUX (Offset = 4.5 V)
Figure 5. 5VAUX Power Up (3.3VAUX = 3.3 V)
5VCC (Offset = 4.3 V)
(250-mA Load)
3.3VOUT (Offset = 3.3 V)
Figure 6. 5VCC Power Down (3.3VAUX = 3.3 V)
Figure 7. 5VCC Power Down (5VAUX = 5 V)
5VCC (Offset = 4.5 V)
(250-mA Load)
5VAUX (Offset = 5 V)
3.3VOUT (Offset = 3.3 V)
Trig?
250-mA to 20-mA
Step Load
3.3VOUT (Offset = 3.3 V)
Sample
Figure 8. 5VCC Load Transient Response Falling


Numéro de pièce similaire - TPPM0303

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPPM0303 TI-TPPM0303 Datasheet
384Kb / 13P
[Old version datasheet]   250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPPM0303DG4 TI-TPPM0303DG4 Datasheet
384Kb / 13P
[Old version datasheet]   250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPPM0303DR TI-TPPM0303DR Datasheet
384Kb / 13P
[Old version datasheet]   250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPPM0303 TI-TPPM0303_15 Datasheet
384Kb / 13P
[Old version datasheet]   250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
More results

Description similaire - TPPM0303

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPPM0304 TI1-TPPM0304 Datasheet
259Kb / 14P
[Old version datasheet]   250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPPM0303 TI-TPPM0303_15 Datasheet
384Kb / 13P
[Old version datasheet]   250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPPM0301 TI-TPPM0301 Datasheet
246Kb / 12P
[Old version datasheet]   400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPPM0302 TI-TPPM0302 Datasheet
239Kb / 12P
[Old version datasheet]   400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT AND POK
TPPM0302DGN TI-TPPM0302DGN Datasheet
414Kb / 16P
[Old version datasheet]   400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT AND POK
logo
Advanced Analog Technol...
AAT1201 AAT-AAT1201 Datasheet
363Kb / 21P
   250-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH DUAL-OUTPUT POWER MANAGEMENT
AAT1202 AAT-AAT1202 Datasheet
399Kb / 18P
   250-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH DUAL -OUTPUT POWER MANAGEMENT
logo
Texas Instruments
TPS732 TI1-TPS732 Datasheet
1Mb / 39P
[Old version datasheet]   250-mA Low-Dropout Regulator
logo
Unisonic Technologies
M2950 UTC-M2950 Datasheet
148Kb / 7P
   250 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Vishay Siliconix
SIP21110 VISHAY-SIP21110 Datasheet
452Kb / 12P
   250-mA Adjustable, Low Dropout Regulator
Rev. C, 08-Jun-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com