Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PHA2729-300M Fiches technique(PDF) 1 Page - Tyco Electronics

No de pièce PHA2729-300M
Description  Radar Pulsed Power Module, 300 Watts, 2.7-2.9 GHz, 100 uS Pulse, 10% Duty
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

PHA2729-300M Fiches technique(HTML) 1 Page - Tyco Electronics

  PHA2729-300M Datasheet HTML 1Page - Tyco Electronics PHA2729-300M Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
n
Includes RC bias circuit
n
In-Phase Combined Pulsed Power Transistors
n
Input and Output Matched to 50
n
Soft Substrate
ε
R=10.5 Circuit Board
n
Nickel Plated Copper Flange
n
MTTF > 1x10
6 Hrs @ Tflange=45
°C
Outline Drawing
05/15/01
Electrical Characteristics @ 25
± 5 °C (Room Ambient)
Input Power
Pin
-
53.3
Wpk
VCC=38 V, Pout= 300 Wpk, F=2.7, 2.8, 2.9 GHz
Output Power with .5 dB overdrive
Pout
315
Wpk
VCC=38 V, PIN=(PIN @ POUT=300 W) + 0.5 dB,
F=2.7, 2.8, 2.9 GHz
Power Gain
Gp
7.5
-
dB
VCC=38 V, POUT=300 Wpk, F=2.7, 2.8, 2.9 GHz
Collector Efficiency
η
C
36
-
%
VCC=38 V, POUT=300 Wpk, F=2.7, 2.8, 2.9 GHz
Input Return Loss
RL
10
-
dB
VCC=38 V, POUT=300 Wpk, F=2.7, 2.8, 2.9 GHz
Pulse Amplitude Droop
Droop
-
.5
dB
VCC=38 V, POUT=300 Wpk, F=2.7, 2.8, 2.9 GHz
2nd Harmonic
2fc
-
-20
dBc
VCC=38 V, POUT=300 Wpk, F=2.7, 2.8, 2.9 GHz
Spurious Level
Spurious
-
-60
dBc
VCC=38 V, POUT=300 Wpk, F=2.7, 2.8, 2.9 GHz
Insertion Phase Deviation
∆ϕ
-14
+14
Degrees
VCC=38 V, POUT=300 Wpk, F=2.7, 2.8, 2.9 GHz
Rise time
Tr
-
200
nS
VCC=38 V, POUT=300 Wpk, F=2.7, 2.8, 2.9 GHz
Load Mismatch Stability
VSWR-S
-
1.5:1
-
VCC=38 V, POUT=300 Wpk, F=2.7, 2.8, 2.9 GHz
Load Mismatch Tolerance
VSWR-T
-
2:1
dB
VCC=38 V, POUT=300 Wpk, F=2.7, 2.8, 2.9 GHz
Gain Flatness over Frequency
Gp Flat
-
.8
dB
VCC=38 V, POUT=300 Wpk, F=2.7, 2.8, 2.9 GHz
Parameter
Symbol
Min.
Max.
Units
Test Conditions
Preliminary
Radar Pulsed Power Module, 300 Watts,
2.7-2.9 GHz, 100 µS Pulse, 10% Duty


Numéro de pièce similaire - PHA2729-300M

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
PHA2729-300M MA-COM-PHA2729-300M Datasheet
66Kb / 2P
   Radar Pulsed Power Module 300W, 2.7-2.9 GHz, 100關s Pulse, 10%Duty
PHA2729-300M MA-COM-PHA2729-300M Datasheet
66Kb / 2P
   Radar Pulsed Power Module
PHA2729-300M MA-COM-PHA2729-300M_15 Datasheet
66Kb / 2P
   Radar Pulsed Power Module
More results

Description similaire - PHA2729-300M

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
PHA2729-300M MA-COM-PHA2729-300M Datasheet
66Kb / 2P
   Radar Pulsed Power Module 300W, 2.7-2.9 GHz, 100關s Pulse, 10%Duty
logo
Tyco Electronics
PH2729-150M MACOM-PH2729-150M Datasheet
79Kb / 2P
   Radar Pulsed Power Transistor-150 Watts 2.7-2.9 GHz, 100ms Pulse, 10% Duty
PH2729-130M MACOM-PH2729-130M Datasheet
93Kb / 1P
   Radar Pulsed Power Transistor, 130W, 100us Pulse, 10% Duty 2.7 - 2.9 GHz
PH2729-8.5M MACOM-PH2729-8.5M Datasheet
158Kb / 2P
   Radar Pulsed Power Transistor, 8.5W, 100us Pulse, 10% Duty 2.7 - 2.9 GHz
logo
M/A-COM Technology Solu...
PH2729-110M MA-COM-PH2729-110M Datasheet
108Kb / 3P
   Radar Pulsed Power Transistor 110W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
logo
Tyco Electronics
PH2729-110M MACOM-PH2729-110M_07 Datasheet
133Kb / 3P
   Radar Pulsed Power Transistor 110W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
PH2729-150M MACOM-PH2729-150M_07 Datasheet
136Kb / 3P
   Radar Pulsed Power Transistor 150W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
PH2729-25M MACOM-PH2729-25M Datasheet
106Kb / 3P
   Radar Pulsed Power Transistor 25W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
logo
M/A-COM Technology Solu...
PH2729-8.5M MA-COM-PH2729-8.5M Datasheet
108Kb / 3P
   Radar Pulsed Power Transistor 8.5W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
logo
Tyco Electronics
PH2729-110M MACOM-PH2729-110M Datasheet
157Kb / 2P
   Radar Pulsed Power Transistor, 110W, 100us Pulse, 10% Duty 2.7 - 2.9 GHz
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com