Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHCT595 Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce 74AHCT595
Description  8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT595 Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button 74AHCT595 Datasheet HTML 7Page - NXP Semiconductors 74AHCT595 Datasheet HTML 8Page - NXP Semiconductors 74AHCT595 Datasheet HTML 9Page - NXP Semiconductors 74AHCT595 Datasheet HTML 10Page - NXP Semiconductors 74AHCT595 Datasheet HTML 11Page - NXP Semiconductors 74AHCT595 Datasheet HTML 12Page - NXP Semiconductors 74AHCT595 Datasheet HTML 13Page - NXP Semiconductors 74AHCT595 Datasheet HTML 14Page - NXP Semiconductors 74AHCT595 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
2000 Mar 15
11
Philips Semiconductors
Product specification
8-bit serial-in/serial or parallel-out shift
register with output latches; 3-state
74AHC595; 74AHCT595
Notes
1. Typical values at VCC = 3.3 V.
2. Typical values at VCC = 5.0 V.
VCC = 4.5 to 5.5 V; note 2
tPHL/tPLH
propagation delay
SHCP to Q7
see Figs 7
and 12
15 pF
4.0
8.2
1.0
9.4
1.0
10.5
ns
propagation delay
STCP to Qn
see Figs 8
and 12
4.2
7.4
1.0
8.5
1.0
9.5
ns
tPHL
propagation delay
MR to Q7
see Figs 10
and 12
4.4
8.0
1.0
9.1
1.0
10.0
ns
tPZH/tPZL
3-state output enable
time OE to Qn
see Figs 11
and 12
4.0
8.6
1.0
10.0
1.0
11.0
ns
tPHZ/tPLZ
3-state output disable
time OE to Qn
3.8
8.0
1.0
9.5
1.0
10.5
ns
tPHL/tPLH
propagation delay
SHCP to Q7
see Figs 7
and 12
50 pF
5.4
10.0
1.0
11.4
1.0
12.5
ns
propagation delay
STCP to Qn
see Figs 8
and 12
5.5
9.0
1.0
10.5
1.0
11.5
ns
tPHL
propagation delay
MR to Q7
see Figs 10
and 12
5.6
10.0
1.0
11.1
1.0
12.0
ns
tPZH/tPZL
3-state output enable
time OE to Qn
see Figs 11
and 12
5.3
10.6
1.0
12.0
1.0
13.0
ns
tPHZ/tPLZ
3-state output disable
time OE to Qn
5.8
10.3
1.0
11.0
1.0
12.0
ns
tW
shift clock pulse width
HIGH or LOW
see Figs 7
and 12
5.0
−−
5.0
5.0
ns
storage clock pulse
width HIGH or LOW
see Figs 8
and 12
5.0
−−
5.0
5.0
ns
master reset pulse
width LOW
see Figs 10
and 12
5.0
−−
5.0
5.0
ns
tsu
set-up time
DS to SHCP
see Figs 8
and 12
3.0
−−
3.0
3.0
ns
set-up time
SHCP to STCP
see Figs 9
and 12
5.0
−−
5.0
5.0
ns
th
hold time
DS to SHCP
2.0
−−
2.0
2.0
ns
trem
removal time
MR to SHCP
see Figs 10
and 12
2.5
−−
2.5
2.5
ns
fmax
maximum clock pulse
frequency
SHCP or STCP
see Figs 7, 8
and 12
130
170
110
90
MHz
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
CL
25
−40 to +85
−40 to +125
MIN.
TYP.
MAX.
MIN.
MAX.
MIN.
MAX.


Numéro de pièce similaire - 74AHCT595

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHCT595 NXP-74AHCT595 Datasheet
127Kb / 21P
   NPN general-purpose double transistors output latches; 3-state
Rev. 04-11 August 2009
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
   8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
logo
Nexperia B.V. All right...
74AHCT595 NEXPERIA-74AHCT595 Datasheet
294Kb / 19P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 6 - 26 May 2020
74AHCT595-Q100 NEXPERIA-74AHCT595-Q100 Datasheet
794Kb / 22P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
logo
NXP Semiconductors
74AHCT595BQ NXP-74AHCT595BQ Datasheet
127Kb / 21P
   NPN general-purpose double transistors output latches; 3-state
Rev. 04-11 August 2009
More results

Description similaire - 74AHCT595

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LV595 PHILIPS-74LV595 Datasheet
137Kb / 16P
   8-bit serial-in/serial or parallel-out shift register with output latches 3-State
1998 Apr 20
74HC595 PHILIPS-74HC595 Datasheet
140Kb / 28P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2003 Jun 25
74HC595D.118 NXP-74HC595D.118 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HC595-Q100 NEXPERIA-74HC595-Q100 Datasheet
287Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
logo
NXP Semiconductors
74HC595PW-T NXP-74HC595PW-T Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595BQ115 NXP-74HC595BQ115 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HCT595-Q100 NEXPERIA-74HCT595-Q100 Datasheet
300Kb / 20P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 4 - 11 March 2020
logo
NXP Semiconductors
74HC595BQ-Q100 NXP-74HC595BQ-Q100 Datasheet
219Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 2-10 April 2013
logo
Nexperia B.V. All right...
74HC595 NEXPERIA-74HC595 Datasheet
327Kb / 21P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 11 - 10 September 2021
logo
NXP Semiconductors
74HC_HCT595 PHILIPS-74HC_HCT595_15 Datasheet
256Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 7-26 January 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com