Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHCT374D Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce 74AHCT374D
Description  Octal D-type flip-flop; positive edge-trigger; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT374D Fiches technique(HTML) 3 Page - NXP Semiconductors

  74AHCT374D Datasheet HTML 1Page - NXP Semiconductors 74AHCT374D Datasheet HTML 2Page - NXP Semiconductors 74AHCT374D Datasheet HTML 3Page - NXP Semiconductors 74AHCT374D Datasheet HTML 4Page - NXP Semiconductors 74AHCT374D Datasheet HTML 5Page - NXP Semiconductors 74AHCT374D Datasheet HTML 6Page - NXP Semiconductors 74AHCT374D Datasheet HTML 7Page - NXP Semiconductors 74AHCT374D Datasheet HTML 8Page - NXP Semiconductors 74AHCT374D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1999 Sep 28
3
Philips Semiconductors
Product specification
Octal D-type flip-flop; positive edge-trigger; 3-state
74AHC374;
74AHCT374
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
h = HIGH voltage level one set-up time prior to the LOW-to-HIGH CP transition;
L = LOW voltage level;
I = LOW voltage level one set-up time prior to the LOW-to-HIGH CP transition;
X = don’t care;
Z = high-impedance OFF-state;
↑ = LOW-to-HIGH CP transition.
ORDERING INFORMATION
PINNING
OPERATING MODES
INPUTS
INTERNAL
FLIP-FLOPS
OUTPUTS
OE
CP
Dn
Q0 to Q7
Load and read register
L
IL
L
L
hH
H
Load register and
disable outputs
H
lL
Z
H
hH
Z
OUTSIDE NORTH
AMERICA
NORTH AMERICA
PACKAGES
PINS
PACKAGE
MATERIAL
CODE
74AHC374D
74AHC374D
20
SO
plastic
SOT163-1
74AHC374PW
74AHC374PW DH
20
TSSOP
plastic
SOT360-1
74AHCT374D
74AHCT374D
20
SO
plastic
SOT163-1
74AHCT374PW
7AHCT374PW DH
20
TSSOP
plastic
SOT360-1
PIN
SYMBOL
DESCRIPTION
1
OE
3-state output enable input (active LOW)
2, 5, 6, 9, 12, 15,
16 and 19
Q0 to Q7
3-state flip-flop outputs
3, 4, 7, 8, 13, 14,
17 and 18
D0 to D7
data inputs
10
GND
ground (0 V)
11
CP
clock input (LOW-to-HIGH, edge triggered)
20
VCC
DC supply voltage


Numéro de pièce similaire - 74AHCT374D

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AHCT374D NEXPERIA-74AHCT374D Datasheet
607Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 03 - 12 June 2008
74AHCT374D-Q100 NEXPERIA-74AHCT374D-Q100 Datasheet
815Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
More results

Description similaire - 74AHCT374D

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
logo
NXP Semiconductors
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
logo
Nexperia B.V. All right...
74ALVC374 NEXPERIA-74ALVC374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 30 April 2021
logo
NXP Semiconductors
74ALVC574 PHILIPS-74ALVC574 Datasheet
95Kb / 20P
   Octal D-type flip-flop positive edge-trigger 3-state
2002 Mar 04
74LV374 PHILIPS-74LV374 Datasheet
111Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1997 Mar 20
74HC374D-T NXP-74HC374D-T Datasheet
65Kb / 8P
   Octal D-type flip-flop; positive edge-trigger; 3-state
December 1990
logo
Nexperia B.V. All right...
74AHCT574 NEXPERIA-74AHCT574 Datasheet
655Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02 - 24 January 2008
logo
Integral Corp.
IN74LV574 INTEGRAL-IN74LV574 Datasheet
194Kb / 8P
   Octal D-type flip-flop; positive edge-trigger (3-State)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com