Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


MA03501D Datasheet(Fiches technique) 2 Page - Tyco Electronics

Numéro de pièce MA03501D
Description  X-Band Gain/Phase Control MMIC 8.0 -11.0 GHz
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo 

   
 2 page
background image
RO-P-DS-3004 - -
2/7
X-Band Serial Input Gain/Phase Control MMIC
MA03501D
V 1.00
Specifications subject to change without notice.
Customer Service: Tel. (888)563-3949
Email: macom_adbu_ics@tycoelectronics.com
North America: Tel. (800) 366-2266
Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
Absolute Maximum Conditions 1
1. Operation outside of these ranges may reduce product reliability. Operation at other than the typical values may
result in performance outside the guaranteed limits.
Electrical Characteristics: TB = 25°C, Z0 = 50Ω, VDD = 5V, VGG = -4V, VEE = -4.0
Parameter
Minimum
Typical
Maximum
Units
Phase Shift Range (6 bits, 5.6 degree step)
354
Deg
RMS Phase Error (Uncorrected)
2
Deg
5.6 Degree Bit
4.0
5.3
7.0
Deg
11.25 Degree Bit
8.0
11.0
13.0
Deg
22.5 Degree Bit
19.0
22.0
24.0
Deg
45 Degree Bit
40.0
44.0
47.0
Deg
90 Degree Bit
85.0
90.0
95.0
Deg
180 Degree Bit
170
180
190
Deg
Gain Variation over all Phase Shifter settings
+/-1.0
dB
Output Third Order Intercept Point
26
dBm
Noise Figure
10
dB
Drain Supply Current
160
275
500
mA
Gate Supply Current
1
10
mA
Digital Power Supply Current
10
20
mA
Input Logic High Current
0.5
mA
Input Logic Low Current
0.1
mA
Timing Delay-Enable Signal to Bit Change
25
nS
Symbol
OTOI
NF
IDD
IGG
IEE
Parameter
Symbol
Absolute Maximum
Units
Input Power
PIN
12
dBm
Drain Supply Voltage
VDD
8.0
V
Quiescent DC Power Dissipated (No RF)
PDISS
2.5
W
Digital Power Supply Voltage
VEE
-6.0
V
Junction Temperature
Tj
180
°C
Storage Temperature
TSTG
-55 to +150
°C
Gate Supply Voltage
VGG
-6.0
V
Quiescent Drain Current (No RF)
IDQ
500
mA




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
HMC345LP3GaAs MMIC SP4T NON-REFLECTIVE POSITIVE CONTROL SWITCH DC - 8.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC4250.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR 2.4 - 8.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC425LP30.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR 2.4 - 8.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC427LP3GaAs MMIC POSITIVE CONTROL TRANSFER SWITCH DC - 8.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC321LP4GaAs MMIC SP8T NON-REFLECTIVE POSITIVE CONTROL SWITCH DC - 8.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC468LP31 dB LSB GaAs MMIC 3-BIT DIGITAL POSITIVE CONTROL ATTENUATOR DC - 6.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC536MS8GGaAs MMIC POSITIVE CONTROL T/R SWITCH DC - 6.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC470LP31 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR DC - 3.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC347C8GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH DC - 8.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC347G8GaAs MMIC HERMETIC SMT SPDT SWITCH DC - 8.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl