Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHC373PWDH Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce 74AHC373PWDH
Description  Octal D-type transparent latch; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC373PWDH Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button 74AHC373PWDH Datasheet HTML 6Page - NXP Semiconductors 74AHC373PWDH Datasheet HTML 7Page - NXP Semiconductors 74AHC373PWDH Datasheet HTML 8Page - NXP Semiconductors 74AHC373PWDH Datasheet HTML 9Page - NXP Semiconductors 74AHC373PWDH Datasheet HTML 10Page - NXP Semiconductors 74AHC373PWDH Datasheet HTML 11Page - NXP Semiconductors 74AHC373PWDH Datasheet HTML 12Page - NXP Semiconductors 74AHC373PWDH Datasheet HTML 13Page - NXP Semiconductors 74AHC373PWDH Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1999 Nov 23
10
Philips Semiconductors
Product specification
Octal D-type transparent latch; 3-state
74AHC373; 74AHCT373
Notes
1. Typical values at VCC = 3.3 V.
2. Typical values at VCC = 5.0 V.
VCC = 4.5 to 5.5 V; note 2
tPHL/tPLH
propagation delay
Dn to Qn
see Figs 7 and 11
15 pF
4.0
7.2
1.0
8.5
1.0
9.0
ns
propagation delay
LE to Qn
see Figs 8 and 11
4.3
7.2
1.0
8.5
1.0
9.0
ns
tPZH/tPZL
propagation delay
OE to Qn
see Figs 9 and 11
3.8
8.1
1.0
9.5
1.0
10.5
ns
tPHZ/tPLZ
propagation delay
OE to Qn
4.3
7.2
1.0
8.5
1.0
9.5
ns
tPHL/tPLH
propagation delay
Dn to Qn
see Figs 7 and 11
50 pF
5.3
9.2
1.0
10.5
1.0
11.5
ns
propagation delay
LE to Qn
see Figs 8 and 11
5.6
9.7
1.0
11.1
1.0
12.5
ns
tPZH/tPZL
propagation delay
OE to Qn
see Figs 9 and 11
5.2
10.1
1.0
11.5
1.0
13.0
ns
tPHZ/tPLZ
propagation delay
OE to Qn
6.4
9.2
1.0
10.5
1.0
11.5
ns
tW
clock pulse width
HIGH or LOW
see Figs 8 and 11
5.0
−−
5.0
5.0
ns
tsu
set-up time
Dn to CP
see Figs 10 and 11
4.0
−−
4.0
4.0
ns
th
hold time
Dn to CP
1.0
−−
1.0
1.0
ns
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
CL
25
−40 to +85 −40 to +125
MIN.
TYP.
MAX. MIN. MAX.
MIN.
MAX.


Numéro de pièce similaire - 74AHC373PWDH

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC373PW NXP-74AHC373PW Datasheet
107Kb / 17P
   Octal D-type transparant latch; 3-state
Rev. 03-20 May 2008
logo
Nexperia B.V. All right...
74AHC373PW NEXPERIA-74AHC373PW Datasheet
232Kb / 13P
   Octal D-type transparant latch; 3-state
Rev. 4 - 5 March 2019
More results

Description similaire - 74AHC373PWDH

FabricantNo de pièceFiches techniqueDescription
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com