Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHCT245D Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce 74AHCT245D
Description  Octal bus transceiver; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT245D Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button 74AHCT245D Datasheet HTML 3Page - NXP Semiconductors 74AHCT245D Datasheet HTML 4Page - NXP Semiconductors 74AHCT245D Datasheet HTML 5Page - NXP Semiconductors 74AHCT245D Datasheet HTML 6Page - NXP Semiconductors 74AHCT245D Datasheet HTML 7Page - NXP Semiconductors 74AHCT245D Datasheet HTML 8Page - NXP Semiconductors 74AHCT245D Datasheet HTML 9Page - NXP Semiconductors 74AHCT245D Datasheet HTML 10Page - NXP Semiconductors 74AHCT245D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1999 Sep 28
7
Philips Semiconductors
Product specification
Octal bus transceiver; 3-state
74AHC245; 74AHCT245
74AHCT family
Over recommended operating conditions; voltages are referenced to GND (ground=0V).
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
OTHER
VCC (V)
25
−40 to +85 −40 to +125
MIN.
TYP. MAX. MIN. MAX. MIN. MAX.
VIH
HIGH-level input
voltage
4.5 to 5.5 2.0
−−
2.0
2.0
V
VIL
LOW-level input
voltage
4.5 to 5.5
−−
0.8
0.8
0.8
V
VOH
HIGH-level output
voltage; all
outputs
VI =VIH or VIL;
IO = −50 µA
4.5
4.4
4.5
4.4
4.4
V
HIGH-level output
voltage
VI =VIH or VIL;
IO = −8.0 mA
4.5
3.94
−−
3.8
3.70
V
VOL
LOW-level output
voltage; all
outputs
VI =VIH or VIL;
IO =50 µA
4.5
0
0.1
0.1
0.1
V
LOW-level output
voltage
VI =VIH or VIL;
IO =8mA
4.5
−−
0.36
0.44
0.55
V
II
input leakage
current
VI =VIH or VIL
5.5
−−
0.1
1.0
2.0
µA
IOZ
3-state output
OFF current
VI =VIH or VIL;
VO =VCC or GND
per input pin;
other inputs at
VCC or GND;
IO =0
5.5
−−
±0.25 −±2.5
−±10.0 µA
ICC
quiescent supply
current
VI =VCC or GND;
IO =0
5.5
−−
4.0
40
80
µA
∆I
CC
additional
quiescent supply
current per input
pin
VI =VCC − 2.1 V
other inputs at
VCC or GND;
IO =0
4.5 to 5.5
−−
1.35
1.5
1.5
mA
CI
input capacitance
−−
310
10
10
pF


Numéro de pièce similaire - 74AHCT245D

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHCT245D NXP-74AHCT245D Datasheet
424Kb / 16P
   Octal bus transceiver 3-state
Rev. 03-25 September 2007
logo
Nexperia B.V. All right...
74AHCT245D NEXPERIA-74AHCT245D Datasheet
265Kb / 16P
   Octal bus transceiver; 3-state
Rev. 6 - 3 July 2020
74AHCT245D-Q100 NEXPERIA-74AHCT245D-Q100 Datasheet
719Kb / 17P
   Octal bus transceiver; 3-state
More results

Description similaire - 74AHCT245D

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
logo
Nexperia B.V. All right...
74LVC245A-Q100 NEXPERIA-74LVC245A-Q100 Datasheet
263Kb / 15P
   Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
74VHCT245 NEXPERIA-74VHCT245 Datasheet
607Kb / 16P
   Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
74LVC245A NEXPERIA-74LVC245A Datasheet
289Kb / 16P
   Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
74ALVC245 NEXPERIA-74ALVC245 Datasheet
252Kb / 14P
   Octal bus transceiver; 3-state
Rev. 3 - 30 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com