Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHC373 Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce 74AHC373
Description  Octal D-type transparent latch; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC373 Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button 74AHC373 Datasheet HTML 2Page - NXP Semiconductors 74AHC373 Datasheet HTML 3Page - NXP Semiconductors 74AHC373 Datasheet HTML 4Page - NXP Semiconductors 74AHC373 Datasheet HTML 5Page - NXP Semiconductors 74AHC373 Datasheet HTML 6Page - NXP Semiconductors 74AHC373 Datasheet HTML 7Page - NXP Semiconductors 74AHC373 Datasheet HTML 8Page - NXP Semiconductors 74AHC373 Datasheet HTML 9Page - NXP Semiconductors 74AHC373 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
1999 Nov 23
6
Philips Semiconductors
Product specification
Octal D-type transparent latch; 3-state
74AHC373; 74AHCT373
RECOMMENDED OPERATING CONDITIONS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134); voltages are referenced to GND (ground = 0 V).
Notes
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. For SO package: above 70
°C the value of PD derates linearly with 8 mW/K.
For TSSOP package: above 60
°C the value of PD derates linearly with 5.5 mW/K.
SYMBOL
PARAMETER
CONDITIONS
74AHC
74AHCT
UNIT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
VCC
DC supply voltage
2.0
5.0
5.5
4.5
5.0
5.5
V
VI
input voltage
0
5.5
0
5.5
V
VO
output voltage
0
VCC
0
VCC
V
Tamb
operating ambient temperature
see DC and AC
characteristics per
device
−40
+25
+85
−40
+25
+85
°C
−40
+25
+125
−40
+25
+125
°C
tr,tf (∆t/∆f) input rise and fall rates
VCC = 3.3 ±0.3 V
−−
100
−−−
ns/V
VCC =5 ±0.5 V
−−
20
−−
20
ns/V
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX. UNIT
VCC
DC supply voltage
−0.5
+7.0
V
VI
input voltage
−0.5
+7.0
V
IIK
DC input diode current
VI < −0.5 V; note 1
−−20
mA
IOK
DC output diode current
VO < −0.5 V or VO >VCC + 0.5 V; note 1
−±20
mA
IO
DC output source or sink current
−0.5V<VO <VCC + 0.5 V
−±25
mA
ICC
DC VCC or GND current
−±75
mA
Tstg
storage temperature
−65
+150
°C
PD
power dissipation per package
for temperature range:
−40 to +125 °C; note 2
500
mW


Numéro de pièce similaire - 74AHC373

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AHC373 NEXPERIA-74AHC373 Datasheet
232Kb / 13P
   Octal D-type transparant latch; 3-state
Rev. 4 - 5 March 2019
logo
NXP Semiconductors
74AHC373D NXP-74AHC373D Datasheet
107Kb / 17P
   Octal D-type transparant latch; 3-state
Rev. 03-20 May 2008
logo
Nexperia B.V. All right...
74AHC373D NEXPERIA-74AHC373D Datasheet
232Kb / 13P
   Octal D-type transparant latch; 3-state
Rev. 4 - 5 March 2019
logo
NXP Semiconductors
74AHC373PW NXP-74AHC373PW Datasheet
107Kb / 17P
   Octal D-type transparant latch; 3-state
Rev. 03-20 May 2008
logo
Nexperia B.V. All right...
74AHC373PW NEXPERIA-74AHC373PW Datasheet
232Kb / 13P
   Octal D-type transparant latch; 3-state
Rev. 4 - 5 March 2019
More results

Description similaire - 74AHC373

FabricantNo de pièceFiches techniqueDescription
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com