Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHCT30 Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce 74AHCT30
Description  8-input NAND gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT30 Fiches technique(HTML) 3 Page - NXP Semiconductors

  74AHCT30 Datasheet HTML 1Page - NXP Semiconductors 74AHCT30 Datasheet HTML 2Page - NXP Semiconductors 74AHCT30 Datasheet HTML 3Page - NXP Semiconductors 74AHCT30 Datasheet HTML 4Page - NXP Semiconductors 74AHCT30 Datasheet HTML 5Page - NXP Semiconductors 74AHCT30 Datasheet HTML 6Page - NXP Semiconductors 74AHCT30 Datasheet HTML 7Page - NXP Semiconductors 74AHCT30 Datasheet HTML 8Page - NXP Semiconductors 74AHCT30 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1999 Nov 30
3
Philips Semiconductors
Product specification
8-input NAND gate
74AHC30; 74AHCT30
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level;
X = don’t care.
ORDERING INFORMATION
PINNING
INPUTS
OUTPUTS
ABCD
E
F
G
H
Y
L
XXXXXXX
H
X
L
XXXXXX
H
XX
L
X
XXXX
H
XXX
L
X
XXX
H
XXXX
L
X
XX
H
XXXXX
L
X
X
H
XXXXXX
L
X
H
XXXXXXX
L
H
HHHHHH
Η
HL
TYPE NUMBER
PACKAGES
TEMPERATURE
RANGE
PINS
PACKAGE
MATERIAL
CODE
74AHC30D
−40 to +125 °C
14
SO
plastic
SOT108-1
74AHCT30D
14
SO
plastic
SOT108-1
74AHC30PW
14
TSSOP
plastic
SOT402-1
74AHCT30PW
14
TSSOP
plastic
SOT402-1
PIN
SYMBOL
DESCRIPTION
1
A
data input
2
B
data input
3
C
data input
4
D
data input
5
E
data input
6
F
data input
7
GND
ground (0 V)
8
Y
data output
9, 10 and 13
n.c.
not connected
11
G
data input
12
H
data input
14
VCC
DC supply voltage


Numéro de pièce similaire - 74AHCT30

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHCT30 NXP-74AHCT30 Datasheet
94Kb / 14P
   8-input NAND gate
Rev. 03-26 June 2009
74AHCT30 PHILIPS-74AHCT30 Datasheet
94Kb / 14P
   8-input NAND gate
Rev. 03-26 June 2009
logo
Nexperia B.V. All right...
74AHCT30 NEXPERIA-74AHCT30 Datasheet
255Kb / 16P
   8-input NAND gate
Rev. 5 - 6 May 2020
74AHCT30-Q100 NEXPERIA-74AHCT30-Q100 Datasheet
704Kb / 15P
   Automotive product qualification in accordance with AEC-Q100
logo
NXP Semiconductors
74AHCT30BQ NXP-74AHCT30BQ Datasheet
94Kb / 14P
   8-input NAND gate
Rev. 03-26 June 2009
More results

Description similaire - 74AHCT30

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M54HCT30 STMICROELECTRONICS-M54HCT30 Datasheet
233Kb / 9P
   8 INPUT NAND GATE
logo
Fairchild Semiconductor
DM74AS30 FAIRCHILD-DM74AS30 Datasheet
45Kb / 4P
   8 Input NAND Gate
logo
Hitachi Semiconductor
HD74HC30 HITACHI-HD74HC30 Datasheet
45Kb / 8P
   8-input NAND Gate
logo
National Semiconductor ...
54LS30 NSC-54LS30 Datasheet
120Kb / 6P
   8-Input NAND Gate
logo
STMicroelectronics
M54HC30 STMICROELECTRONICS-M54HC30 Datasheet
234Kb / 9P
   8 INPUT NAND GATE
logo
Fairchild Semiconductor
DM74ALS30A FAIRCHILD-DM74ALS30A Datasheet
59Kb / 5P
   8-Input NAND Gate
logo
Integral Corp.
IN74HC30A INTEGRAL-IN74HC30A Datasheet
244Kb / 5P
   8-Input NAND Gate
logo
National Semiconductor ...
MM74HC30 NSC-MM74HC30 Datasheet
100Kb / 4P
   8-Input NAND Gate
logo
Hitachi Semiconductor
HD14068B HITACHI-HD14068B Datasheet
67Kb / 7P
   8-input NAND Gate
logo
KODENSHI_AUK CORP.
KK74HC30A KODENSHI-KK74HC30A Datasheet
260Kb / 5P
   8-Input NAND Gate
logo
STMicroelectronics
M74HCT30 STMICROELECTRONICS-M74HCT30 Datasheet
138Kb / 8P
   8-INPUT NAND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com