Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHC32 Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce 74AHC32
Description  Quad 2-input OR gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC32 Fiches technique(HTML) 5 Page - NXP Semiconductors

  74AHC32 Datasheet HTML 1Page - NXP Semiconductors 74AHC32 Datasheet HTML 2Page - NXP Semiconductors 74AHC32 Datasheet HTML 3Page - NXP Semiconductors 74AHC32 Datasheet HTML 4Page - NXP Semiconductors 74AHC32 Datasheet HTML 5Page - NXP Semiconductors 74AHC32 Datasheet HTML 6Page - NXP Semiconductors 74AHC32 Datasheet HTML 7Page - NXP Semiconductors 74AHC32 Datasheet HTML 8Page - NXP Semiconductors 74AHC32 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1999 Sep 27
5
Philips Semiconductors
Product specification
Quad 2-input OR gate
74AHC32; 74AHCT32
DC CHARACTERISTICS
74AHC family
Over recommended operating conditions; voltages are referenced to GND (ground=0V).
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
OTHER
VCC (V)
25
−40 to +85 −40 to +125
MIN.
TYP.
MAX. MIN. MAX. MIN. MAX.
VIH
HIGH-level input
voltage
2.0
1.5
−−
1.5
1.5
V
3.0
2.1
−−
2.1
2.1
5.5
3.85
−−
3.85
3.85
VIL
LOW-level input
voltage
2.0
−−
0.5
0.5
0.5
V
3.0
−−
0.9
0.9
0.9
5.5
−−
1.65
1.65
1.65
VOH
HIGH-level output
voltage; all
outputs
VI =VIH or VIL;
IO = −50 µA
2.0
1.9
2.0
1.9
1.9
V
3.0
2.9
3.0
2.9
2.9
4.5
4.4
4.5
4.4
4.4
HIGH-level output
voltage
VI =VIH or VIL;
IO = −4.0 mA
3.0
2.58
−−
2.48
2.40
V
VI =VIH or VIL;
IO = −8.0 mA
4.5
3.94
−−
3.8
3.70
VOL
LOW-level output
voltage; all
outputs
VI =VIH or VIL;
IO =50 µA
2.0
0
0.1
0.1
0.1
V
3.0
0
0.1
0.1
0.1
4.5
0
0.1
0.1
0.1
LOW-level output
voltage
VI =VIH or VIL;
IO =4mA
3.0
−−
0.36
0.44
0.55
V
VI =VIH or VIL;
IO =8mA
4.5
−−
0.36
0.44
0.55
II
input leakage
current
VI =VCC or GND
5.5
−−
0.1
1.0
2.0
µA
IOZ
3-state output
OFF current
VI =VIH or VIL;
VO =VCC or GND
5.5
−−
±0.25 −±2.5
−±10.0 µA
ICC
quiescent supply
current
VI =VCC or GND;
IO =0
5.5
−−
2.0
20
40
µA
CI
input capacitance
−−
310
10
10
pF


Numéro de pièce similaire - 74AHC32

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
74AHC32 DIODES-74AHC32 Datasheet
287Kb / 8P
   QUADRUPLE 2-INPUT OR GATES
logo
NXP Semiconductors
74AHC32 NXP-74AHC32 Datasheet
93Kb / 14P
   Quad 2-input OR gate
Rev. 04-22 May 2008
logo
Nexperia B.V. All right...
74AHC32 NEXPERIA-74AHC32 Datasheet
228Kb / 13P
   Quad 2-input OR gate
Rev. 5 - 5 June 2020
74AHC32-Q100 NEXPERIA-74AHC32-Q100 Datasheet
705Kb / 15P
   Quad 2-input OR gate
logo
NXP Semiconductors
74AHC32BQ NXP-74AHC32BQ Datasheet
93Kb / 14P
   Quad 2-input OR gate
Rev. 04-22 May 2008
More results

Description similaire - 74AHC32

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
   QUAD 2 INPUT OR GATE
logo
Intersil Corporation
CD54AC32 INTERSIL-CD54AC32 Datasheet
14Kb / 1P
   Quad 2-Input OR Gate
June 1997
logo
National Semiconductor ...
54F32 NSC-54F32 Datasheet
128Kb / 6P
   Quad 2-Input OR Gate
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
   QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
   Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
   Quad 2-Input OR gate
1991 Feb 08
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
   QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
logo
Integral Corp.
IN74VHCT32 INTEGRAL-IN74VHCT32 Datasheet
253Kb / 6P
   Quad 2-Input OR Gate
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
   QUAD 2-INPUT OR GATE
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
   QUAD 2-INPUT OR GATE
February 1999
logo
System Logic Semiconduc...
SL74HC32 SLS-SL74HC32 Datasheet
35Kb / 4P
   Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com