Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHC273D Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce 74AHC273D
Description  Octal D-type flip-flop with reset; positive-edge trigger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC273D Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button 74AHC273D Datasheet HTML 7Page - NXP Semiconductors 74AHC273D Datasheet HTML 8Page - NXP Semiconductors 74AHC273D Datasheet HTML 9Page - NXP Semiconductors 74AHC273D Datasheet HTML 10Page - NXP Semiconductors 74AHC273D Datasheet HTML 11Page - NXP Semiconductors 74AHC273D Datasheet HTML 12Page - NXP Semiconductors 74AHC273D Datasheet HTML 13Page - NXP Semiconductors 74AHC273D Datasheet HTML 14Page - NXP Semiconductors 74AHC273D Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1999 Sep 01
11
Philips Semiconductors
Product specification
Octal D-type flip-flop with reset;
positive-edge trigger
74AHC273; 74AHCT273
Type 74AHCT273
Ground = 0 V; tr =tf ≤ 3.0 ns.
Note
1. Typical values at VCC = 5.0 V.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
CL
25
−40 to +85
−40 to +125
MIN.
TYP.
MAX. MIN.
MAX. MIN.
MAX.
VCC = 4.5 to 5.5 V; note 1
tPHL/tPLH
propagation delay
CP to Qn
see Figs 6 and 9
15 pF
4.0
7.5
1.0
8.8
1.0
9.5
ns
tPHL
propagation delay
MR to Qn
see Figs 7 and 9
3.9
10.0
1.0
11.6
1.0
12.5
ns
fmax
maximum clock
pulse frequency
75
120
65
65
ns
tPHL/tPLH
propagation delay
CP to Qn
see Figs 6 and 9
50 pF
5.8
9.2
1.0
10.5
1.0
11.5
ns
tPHL
propagation delay
MR to Qn
see Figs 7 and 9
5.6
11.0
1.0
12.6
1.0
14.0
ns
tW
clock pulse width
HIGH or LOW
see Figs 6 and 9
5.0
−−
6.5
6.5
ns
master reset
pulse width LOW
see Figs 7 and 9
5.0
−−
6.0
6.0
ns
trem
removal time
MR to CP
2.5
−−
2.5
2.5
ns
tsu
setup time
Dn to CP
see Figs 8 and 9
3.0
−−
3.0
3.0
ns
th
hold time
Dn to CP
1.0
−−
1.0
1.0
ns
fmax
maximum clock
pulse frequency
50
75
45
45
ns


Numéro de pièce similaire - 74AHC273D

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC273D NXP-74AHC273D Datasheet
111Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 03-13 May 2008
logo
Nexperia B.V. All right...
74AHC273D NEXPERIA-74AHC273D Datasheet
270Kb / 16P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 4 - 23 September 2020
74AHC273D-Q100 NEXPERIA-74AHC273D-Q100 Datasheet
814Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
More results

Description similaire - 74AHC273D

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
   Octal D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 NXP-74AHC273_08 Datasheet
111Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 03-13 May 2008
74LV273 PHILIPS-74LV273 Datasheet
117Kb / 12P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 29
logo
Nexperia B.V. All right...
74LVC273 NEXPERIA-74LVC273 Datasheet
259Kb / 14P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 8 - 31 August 2021
74HCT273 NEXPERIA-74HCT273 Datasheet
279Kb / 17P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 7 - 6 September 2021
logo
NXP Semiconductors
74LVC273 PHILIPS-74LVC273 Datasheet
95Kb / 10P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 20
74HC273D-653 NXP-74HC273D-653 Datasheet
153Kb / 21P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 4-10 June 2013
logo
Nexperia B.V. All right...
74AHC273-Q100 NEXPERIA-74AHC273-Q100 Datasheet
814Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
74HC273-Q100 NEXPERIA-74HC273-Q100 Datasheet
277Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 3 September 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com