Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHC1G14GV Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce 74AHC1G14GV
Description  Inverting Schmitt trigger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC1G14GV Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button 74AHC1G14GV Datasheet HTML 4Page - NXP Semiconductors 74AHC1G14GV Datasheet HTML 5Page - NXP Semiconductors 74AHC1G14GV Datasheet HTML 6Page - NXP Semiconductors 74AHC1G14GV Datasheet HTML 7Page - NXP Semiconductors 74AHC1G14GV Datasheet HTML 8Page - NXP Semiconductors 74AHC1G14GV Datasheet HTML 9Page - NXP Semiconductors 74AHC1G14GV Datasheet HTML 10Page - NXP Semiconductors 74AHC1G14GV Datasheet HTML 11Page - NXP Semiconductors 74AHC1G14GV Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
2002 Jun 06
8
Philips Semiconductors
Product specification
Inverting Schmitt trigger
74AHC1G14; 74AHCT1G14
AC CHARACTERISTICS
Type 74AHC1G14
GND = 0 V; tr =tf ≤ 3.0 ns.
Notes
1. Typical values are measured at VCC = 3.3 V.
2. Typical values are measured at VCC = 5.0 V.
Type 74AHCT1G14
GND = 0 V; tr =tf ≤ 3.0 ns.
Note
1. Typical values are measured at VCC =5V.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
CL
(pF)
25
−40 to +85
−40 to +125
MIN.
TYP.
MAX.
MIN.
MAX.
MIN.
MAX.
VCC = 3.0 to 3.6V; note 1
tPHL/tPLH
propagation delay
AtoY
see Figs 5 and 6 15
4.2
12.8
1.0
15.0
1.0
16.5
ns
50
6.0
16.3
1.0
18.5
1.0
20.5
ns
VCC = 4.5 to 5.5 V; note 2
tPHL/tPLH
propagation delay
AtoY
see Figs 5 and 6 15
3.2
8.6
1.0
10.0
1.0
11.0
ns
50
4.6
10.6
1.0
12.0
1.0
13.5
ns
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
CL
(pF)
25
−40 to +85
−40 to +125
MIN.
TYP.
MAX.
MIN.
MAX.
MIN.
MAX.
VCC = 4.5 to 5.5 V; note 1
tPHL/tPLH
propagation delay
AtoY
see Figs 5 and 6 15
4.1
7.0
1.0
8.0
1.0
9.0
ns
50
5.9
8.5
1.0
10.0
1.0
11.0
ns


Numéro de pièce similaire - 74AHC1G14GV

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC1G14GV NXP-74AHC1G14GV Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
74AHC1G14GV NXP-74AHC1G14GV Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06-18 May 2009
logo
Nexperia B.V. All right...
74AHC1G14GV NEXPERIA-74AHC1G14GV Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
74AHC1G14GV-Q100 NEXPERIA-74AHC1G14GV-Q100 Datasheet
802Kb / 17P
   Inverting Schmitt trigger
74AHC1G14GV-Q100 NEXPERIA-74AHC1G14GV-Q100 Datasheet
259Kb / 14P
   Inverting Schmitt trigger
Rev. 4 - 12 January 2022
More results

Description similaire - 74AHC1G14GV

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
logo
NXP Semiconductors
74AHC3G14 PHILIPS-74AHC3G14 Datasheet
137Kb / 21P
   Inverting Schmitt trigger
2004 Oct 18
74HC1G14 PHILIPS-74HC1G14 Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
74HC1G14 NXP-74HC1G14 Datasheet
93Kb / 14P
   Inverting Schmitt trigger
Rev. 04-17 July 2007
logo
Nexperia B.V. All right...
XC7SH14 NEXPERIA-XC7SH14 Datasheet
233Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 24 January 2022
logo
NXP Semiconductors
74AHC3G14 NXP-74AHC3G14 Datasheet
115Kb / 16P
   Inverting Schmitt trigger
Rev. 04-5 May 2009
logo
Unisonic Technologies
U74AHC3G14 UTC-U74AHC3G14_15 Datasheet
148Kb / 6P
   INVERTING SCHMITT TRIGGER
logo
NXP Semiconductors
74AHC_AHCT1G14 PHILIPS-74AHC_AHCT1G14_15 Datasheet
204Kb / 16P
   Inverting Schmitt trigger
Rev. 7-18 November 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com