Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHC1G86 Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce 74AHC1G86
Description  2-input EXCLUSIVE-OR gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC1G86 Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button 74AHC1G86 Datasheet HTML 4Page - NXP Semiconductors 74AHC1G86 Datasheet HTML 5Page - NXP Semiconductors 74AHC1G86 Datasheet HTML 6Page - NXP Semiconductors 74AHC1G86 Datasheet HTML 7Page - NXP Semiconductors 74AHC1G86 Datasheet HTML 8Page - NXP Semiconductors 74AHC1G86 Datasheet HTML 9Page - NXP Semiconductors 74AHC1G86 Datasheet HTML 10Page - NXP Semiconductors 74AHC1G86 Datasheet HTML 11Page - NXP Semiconductors 74AHC1G86 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
2002 Jun 06
9
Philips Semiconductors
Product specification
2-input EXCLUSIVE-OR gate
74AHC1G86; 74AHCT1G86
PACKAGE OUTLINES
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT353
wB
M
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
0
1
2 mm
scale
c
X
13
2
4
5
Plastic surface mounted package; 5 leads
SOT353
UNIT
A1
max
bp
cD
E (2)
e1
HE
Lp
Qy
w
v
mm
0.1
0.30
0.20
2.2
1.8
0.25
0.10
1.35
1.15
0.65
e
1.3
2.2
2.0
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
0.25
0.15
A
1.1
0.8
97-02-28
SC-88A


Numéro de pièce similaire - 74AHC1G86

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC1G86 NXP-74AHC1G86 Datasheet
80Kb / 12P
   2-input EXCLUSIVE-OR gate
ev. 05-4 July 2007
logo
Diodes Incorporated
74AHC1G86 DIODES-74AHC1G86 Datasheet
181Kb / 8P
   SINGLE 2 INPUT EXCLUSIVE-OR GATE
logo
Nexperia B.V. All right...
74AHC1G86 NEXPERIA-74AHC1G86 Datasheet
211Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 6 - 11 January 2022
74AHC1G86-Q100 NEXPERIA-74AHC1G86-Q100 Datasheet
686Kb / 13P
   2-input EXCLUSIVE-OR gate
logo
NXP Semiconductors
74AHC1G86GV NXP-74AHC1G86GV Datasheet
80Kb / 12P
   2-input EXCLUSIVE-OR gate
ev. 05-4 July 2007
More results

Description similaire - 74AHC1G86

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC1G86GW.125 NXP-74HC1G86GW.125 Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
logo
Unisonic Technologies
U74AHCT1G86 UTC-U74AHCT1G86 Datasheet
101Kb / 4P
   2-INPUT EXCLUSIVE-OR GATE
logo
National Semiconductor ...
54F86DM NSC-54F86DM Datasheet
137Kb / 6P
   2-Input Exclusive-OR Gate
logo
Renesas Technology Corp
RD74LVC1G86 RENESAS-RD74LVC1G86 Datasheet
2Mb / 8P
   2-input Exclusive OR Gate
logo
Hitachi Semiconductor
HD74ALVC1G86 HITACHI-HD74ALVC1G86 Datasheet
37Kb / 10P
   2-input Exclusive-OR Gate
logo
NXP Semiconductors
74HC1G86 PHILIPS-74HC1G86 Datasheet
78Kb / 12P
   2-input EXCLUSIVE-OR gate
1998 Aug 05
74LVC1G86 PHILIPS-74LVC1G86 Datasheet
69Kb / 12P
   2-input EXCLUSIVE-OR gate
2001 Apr 06
74HC1G86 NXP-74HC1G86 Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
74LVC1G86 NXP-74LVC1G86 Datasheet
87Kb / 14P
   2-input EXCLUSIVE-OR gate
Rev. 06-18 July 2007
logo
Renesas Technology Corp
HD74LV1G86A RENESAS-HD74LV1G86A_08 Datasheet
110Kb / 8P
   2-input Exclusive-OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com