Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHC1G125GW Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce 74AHC1G125GW
Description  Bus buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC1G125GW Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button 74AHC1G125GW Datasheet HTML 3Page - NXP Semiconductors 74AHC1G125GW Datasheet HTML 4Page - NXP Semiconductors 74AHC1G125GW Datasheet HTML 5Page - NXP Semiconductors 74AHC1G125GW Datasheet HTML 6Page - NXP Semiconductors 74AHC1G125GW Datasheet HTML 7Page - NXP Semiconductors 74AHC1G125GW Datasheet HTML 8Page - NXP Semiconductors 74AHC1G125GW Datasheet HTML 9Page - NXP Semiconductors 74AHC1G125GW Datasheet HTML 10Page - NXP Semiconductors 74AHC1G125GW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
2002 Jun 06
7
Philips Semiconductors
Product specification
Bus buffer/line driver; 3-state
74AHC1G125; 74AHCT1G125
AC CHARACTERISTICS
Type 74AHC1G125
GND = 0 V; tr =tf ≤ 3.0 ns.
Notes
1. All typical values are measured at VCC = 3.3 V.
2. All typical values are measured at VCC = 5.0 V.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
CL
(pF)
25
−40 to +85
−40 to +125
MIN.
TYP.
MAX.
MIN. MAX.
MIN. MAX.
VCC = 3.0 to 3.6 V; note 1
tPHL/tPLH
propagation delay
AtoY
see Figs 5 and 7 15
4.7
8.0
1.0
9.5
1.0
11.5
ns
tPZH/tPZL
propagation delay
OE to Y
see Figs 6 and 7 15
5.0
8.0
1.0
9.5
1.0
11.5
ns
tPHZ/tPLZ
propagation delay
OE to Y
see Figs 6 and 7 15
6.0
9.7
1.0
11.5
1.0
12.5
ns
tPHL/tPLH
propagation delay
AtoY
see Figs 5 and 7 50
6.6
11.5
1.0
13.0
1.0
14.5
ns
tPZH/tPZL
propagation delay
OE to Y
see Figs 6 and 7 50
6.9
11.5
1.0
13.0
1.0
14.5
ns
tPHZ/tPLZ
propagation delay
OE to Y
see Figs 6 and 7 50
8.3
13.2
1.0
15.0
1.0
16.5
ns
VCC = 4.5 to 5.5 V; note 2
tPHL/tPLH
propagation delay
AtoY
see Figs 5 and 7 15
3.4
5.5
1.0
6.5
1.0
7.0
ns
tPZH/tPZL
propagation delay
OE to Y
see Figs 6 and 7 15
3.6
5.1
1.0
6.0
1.0
6.5
ns
tPHZ/tPLZ
propagation delay
OE to Y
see Figs 6 and 7 15
4.1
6.8
1.0
8.0
1.0
8.5
ns
tPHL/tPLH
propagation delay
AtoY
see Figs 5 and 7 50
4.8
7.5
1.0
8.5
1.0
9.5
ns
tPZH/tPZL
propagation delay
OE to Y
see Figs 6 and 7 50
4.9
7.5
1.0
8.5
1.0
9.5
ns
tPHZ/tPLZ
propagation delay
OE to Y
see Figs 6 and 7 50
5.7
8.8
1.0
10.0
1.0
11.0
ns


Numéro de pièce similaire - 74AHC1G125GW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC1G125GW NXP-74AHC1G125GW Datasheet
102Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 09-22 June 2009
logo
Nexperia B.V. All right...
74AHC1G125GW NEXPERIA-74AHC1G125GW Datasheet
700Kb / 15P
   Bus buffer/line driver; 3-state
74AHC1G125GW NEXPERIA-74AHC1G125GW Datasheet
246Kb / 14P
   Bus buffer/line driver; 3-state
Rev. 13 - 11 January 2022
74AHC1G125GW-Q100 NEXPERIA-74AHC1G125GW-Q100 Datasheet
235Kb / 13P
   Bus buffer/line driver; 3-state
Rev. 4 - 11 January 2022
More results

Description similaire - 74AHC1G125GW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC1G125 PHILIPS-74LVC1G125 Datasheet
94Kb / 17P
   Bus buffer/line driver; 3-state
2004 Sep 15
74AHC_AHCT1G126 PHILIPS-74AHC_AHCT1G126_15 Datasheet
198Kb / 17P
   Bus buffer/line driver; 3-state
Rev. 8-23 August 2012
XC7SH125 PHILIPS-XC7SH125_15 Datasheet
93Kb / 14P
   Bus buffer/line driver; 3-state
Rev. 01-4 September 2009
74LVC1G126GW.125 NXP-74LVC1G126GW.125 Datasheet
368Kb / 21P
   Bus buffer/line driver; 3-state
Rev. 12-2 July 2012
74LVC1G126 NXP-74LVC1G126_09 Datasheet
98Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 08-9 April 2009
logo
Nexperia B.V. All right...
74AHC1G125-Q100 NEXPERIA-74AHC1G125-Q100 Datasheet
700Kb / 15P
   Bus buffer/line driver; 3-state
74AHC1G126-Q100 NEXPERIA-74AHC1G126-Q100 Datasheet
696Kb / 15P
   Bus buffer/line driver; 3-state
logo
Unisonic Technologies
U74LVC1G125 UTC-U74LVC1G125_V01 Datasheet
193Kb / 5P
   BUS BUFFER/LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74LVC1G126 NEXPERIA-74LVC1G126 Datasheet
272Kb / 18P
   Bus buffer/line driver; 3-state
Rev. 16 - 18 January 2022
logo
NXP Semiconductors
74AHC1G126 PHILIPS-74AHC1G126 Datasheet
80Kb / 16P
   Bus buffer/line driver; 3-state
2002 Jun 06
74HC1G126 PHILIPS-74HC1G126 Datasheet
430Kb / 12P
   Bus buffer/line driver; 3-state
2002 May 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com