Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHCT1G04GV Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce 74AHCT1G04GV
Description  Inverter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT1G04GV Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button 74AHCT1G04GV Datasheet HTML 7Page - NXP Semiconductors 74AHCT1G04GV Datasheet HTML 8Page - NXP Semiconductors 74AHCT1G04GV Datasheet HTML 9Page - NXP Semiconductors 74AHCT1G04GV Datasheet HTML 10Page - NXP Semiconductors 74AHCT1G04GV Datasheet HTML 11Page - NXP Semiconductors 74AHCT1G04GV Datasheet HTML 12Page - NXP Semiconductors 74AHCT1G04GV Datasheet HTML 13Page - NXP Semiconductors 74AHCT1G04GV Datasheet HTML 14Page - NXP Semiconductors 74AHCT1G04GV Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
2003 Sep 04
11
Philips Semiconductors
Product specification
Inverter
74AHC1G04; 74AHCT1G04
Type 74AHCT1G04
GND = 0 V; tr =tf ≤ 3.0 ns.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
CL (pF)
VCC (V)
Tamb =25 °C
tPHL/tPLH
propagation delay input A to
output Y
see Figs 5 and 6
15
4.5 to 5.5
−−
6.7
ns
5
3.4
ns
50
4.5 to 5.5
−−
7.7
ns
5
4.9
ns
Tamb = −40 to +85 °
tPHL/tPLH
propagation delay input A to
output Y
see Figs 5 and 6
15
4.5 to 5.5
1.0
7.5
ns
50
4.5 to 5.5
1.0
8.5
ns
Tamb = −40 to +125 °C
tPHL/tPLH
propagation delay input A to
output Y
see Figs 5 and 6
15
4.5 to 5.5
1.0
8.5
ns
50
4.5 to 5.5
1.0
10.0
ns


Numéro de pièce similaire - 74AHCT1G04GV

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AHCT1G04GV NEXPERIA-74AHCT1G04GV Datasheet
222Kb / 12P
   Inverter
Rev. 11 - 11 January 2022
74AHCT1G04GV-Q100 NEXPERIA-74AHCT1G04GV-Q100 Datasheet
201Kb / 11P
   The AHC device has CMOS input switching levels and supply voltage range 2 V to 5.5 V
74AHCT1G04GV-Q100 NEXPERIA-74AHCT1G04GV-Q100 Datasheet
209Kb / 11P
   Inverter
Rev. 3 - 11 January 2022
More results

Description similaire - 74AHCT1G04GV

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com