Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHCT139PWDH Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce 74AHCT139PWDH
Description  Dual 2-to-4 line decoder/demultiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT139PWDH Fiches technique(HTML) 3 Page - NXP Semiconductors

  74AHCT139PWDH Datasheet HTML 1Page - NXP Semiconductors 74AHCT139PWDH Datasheet HTML 2Page - NXP Semiconductors 74AHCT139PWDH Datasheet HTML 3Page - NXP Semiconductors 74AHCT139PWDH Datasheet HTML 4Page - NXP Semiconductors 74AHCT139PWDH Datasheet HTML 5Page - NXP Semiconductors 74AHCT139PWDH Datasheet HTML 6Page - NXP Semiconductors 74AHCT139PWDH Datasheet HTML 7Page - NXP Semiconductors 74AHCT139PWDH Datasheet HTML 8Page - NXP Semiconductors 74AHCT139PWDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1999 Sep 01
3
Philips Semiconductors
Product specification
Dual 2-to-4 line decoder/demultiplexer
74AHC139;
74AHCT139
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level;
X = don’t care.
ORDERING INFORMATION
PINNING
INPUTS
OUTPUTS
nEnA0
nA1
nY0
nY1
nY2
nY3
H
X
X
HHHH
LLLL
H
H
H
LHLHLH
H
L
L
HHH
L
H
L
HHHHH
L
OUTSIDE NORTH
AMERICA
NORTH AMERICA
PACKAGES
PINS
PACKAGE
MATERIAL
CODE
74AHC139D
74AHC139D
16
SO
plastic
SOT109-1
74AHC139PW
74AHC139PW DH
16
TSSOP
plastic
SOT403-1
74AHCT139D
74AHCT139D
16
SO
plastic
SOT109-1
74AHCT139PW
74AHCT139PW DH
16
TSSOP
plastic
SOT403-1
PIN
SYMBOL
DESCRIPTION
1 and 15
1E and 2E
enable inputs (active LOW)
2 and 3
1A0 and 1A1
address inputs
4, 5, 6 and 7
1Y0, 1Y1, Y2 and 1Y3
outputs (active LOW)
8
GND
ground (0 V)
9, 10, 11 and 12
2Y3, 2Y2, 2Y1 and 2Y0
outputs (active LOW)
13 and 14
2A1 and 2A0
address inputs
16
VCC
DC supply voltage


Numéro de pièce similaire - 74AHCT139PWDH

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHCT139PW NXP-74AHCT139PW Datasheet
91Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 02-9 May 2008
logo
Nexperia B.V. All right...
74AHCT139PW NEXPERIA-74AHCT139PW Datasheet
592Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 02 - 9 May 2008
74AHCT139PW-Q100 NEXPERIA-74AHCT139PW-Q100 Datasheet
696Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
More results

Description similaire - 74AHCT139PWDH

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC139 PHILIPS-74HC139 Datasheet
44Kb / 7P
   Dual 2-to-4 line decoder/demultiplexer
September 1993
logo
Texas Instruments
CD74AC139 TI-CD74AC139 Datasheet
31Kb / 7P
[Old version datasheet]   Dual 2-to-4-Line Decoder/Demultiplexer
logo
NXP Semiconductors
74AHC_AHCT139 PHILIPS-74AHC_AHCT139_15 Datasheet
91Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 02-9 May 2008
74LVC139 PHILIPS-74LVC139_15 Datasheet
174Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 5-19 October 2011
logo
Nexperia B.V. All right...
74HC139-Q100 NEXPERIA-74HC139-Q100 Datasheet
762Kb / 18P
   Dual 2-to-4 line decoder/demultiplexer
74HCT139 NEXPERIA-74HCT139 Datasheet
243Kb / 13P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 5 - 14 January 2021
logo
Texas Instruments
74ACT11139 TI-74ACT11139 Datasheet
93Kb / 6P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74AHC139-Q100 NEXPERIA-74AHC139-Q100 Datasheet
696Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
74LVC139 NEXPERIA-74LVC139 Datasheet
252Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 6 - 24 September 2021
74HCT139-Q100 NEXPERIA-74HCT139-Q100 Datasheet
242Kb / 13P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 2 - 14 January 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com