Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HMC-C010 Fiches technique(PDF) 5 Page - Hittite Microwave Corporation

No de pièce HMC-C010
Description  600째 ANALOG PHASE SHIFTER MODULE, 6 - 15 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITTITE [Hittite Microwave Corporation]
Site Internet  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-C010 Fiches technique(HTML) 5 Page - Hittite Microwave Corporation

  HMC-C010 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-C010 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-C010 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-C010 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-C010 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-C010 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
9
9 - 84
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Outline Drawing
600° ANALOG PHASE SHIFTER
MODULE, 6 - 15 GHz
v00.0505
HMC-C010
NOTES:
1. PACKAGE, LEADS, COVER MATERIAL: KOVAR™
2. BRACKET MATERIAL: ALUMINUM
3. PLATING: ELECTROLYTIC GOLD 50 MICROINCHES MIN., OVER
ELECTROLYTIC NICKEL 75 MICROINCHES MIN.
4. ALL DIMENSIONS ARE IN INCHES [MILLIMETERS].
5. TOLERANCES ±.005 [0.13] UNLESS OTHERWISE SPECIFIED.
6. FIELD REPLACEABLE SMA CONNECTORS.
TENSOLITE 5602 - 5CCSF OR EQUIVALENT.
7. TO MOUNT MODULE TO SYSTEM PLATFORM REPLACE 0 -80
HARDWARE WITH DESIRED MOUNTING SCREWS.


Numéro de pièce similaire - HMC-C010

FabricantNo de pièceFiches techniqueDescription
logo
Hittite Microwave Corpo...
HMC-C011 HITTITE-HMC-C011 Datasheet
467Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20.0 GHz
HMC-C011 HITTITE-HMC-C011 Datasheet
233Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC-C011 HITTITE-HMC-C011_1 Datasheet
233Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC-C012 HITTITE-HMC-C012 Datasheet
826Kb / 6P
   10 WATT POWER AMPLIFIER MODULE, 400 - 1000 MHz
HMC-C012 HITTITE-HMC-C012_10 Datasheet
0Kb / 6P
   10 WATT POWER AMPLIFIER MODULE, 400 - 1000 MHz
More results

Description similaire - HMC-C010

FabricantNo de pièceFiches techniqueDescription
logo
Hittite Microwave Corpo...
HMC538LP4 HITTITE-HMC538LP4_09 Datasheet
235Kb / 6P
   600째 ANALOG PHASE SHIFTER, 6 - 15 GHz
HMC538LP4 HITTITE-HMC538LP4 Datasheet
377Kb / 6P
   600째 ANALOG PHASE SHIFTER, 6 - 15 GHz
logo
TriQuint Semiconductor
TGP2615-SM TRIQUINT-TGP2615-SM Datasheet
640Kb / 11P
   15-19 GHz 6-Bit Digital Phase Shifter
TGP6336 TRIQUINT-TGP6336_15 Datasheet
518Kb / 10P
   6 - 18 GHz Phase Shifter
TGP2615 TRIQUINT-TGP2615_15 Datasheet
382Kb / 9P
   15- to 19-GHz 6-Bit Digital Phase Shifter
TGP6336 TRIQUINT-TGP6336 Datasheet
472Kb / 7P
   6 - 18 GHz Phase Shifter
logo
Custom MMIC Design Serv...
CMD297 MMIC-CMD297 Datasheet
259Kb / 11P
   5-18 GHz Analog Phase Shifter
CMD297P34 MMIC-CMD297P34 Datasheet
293Kb / 10P
   5-18 GHz Analog Phase Shifter
logo
Qorvo, Inc
CMD297 QORVO-CMD297 Datasheet
366Kb / 12P
   5-18 GHz Analog Phase Shifter
August 23, 2021
logo
Hittite Microwave Corpo...
HMC247 HITTITE-HMC247 Datasheet
320Kb / 6P
   400째 ANALOG PHASE SHIFTER 5 - 18 GHz
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com