Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LATBT66B-ST-1 Fiches technique(PDF) 10 Page - OSRAM GmbH

No de pièce LATBT66B-ST-1
Description  Enhanced optical Power LED (HOP2000 / ATON짰)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LATBT66B-ST-1 Fiches technique(HTML) 10 Page - OSRAM GmbH

Back Button LATBT66B-ST-1 Datasheet HTML 6Page - OSRAM GmbH LATBT66B-ST-1 Datasheet HTML 7Page - OSRAM GmbH LATBT66B-ST-1 Datasheet HTML 8Page - OSRAM GmbH LATBT66B-ST-1 Datasheet HTML 9Page - OSRAM GmbH LATBT66B-ST-1 Datasheet HTML 10Page - OSRAM GmbH LATBT66B-ST-1 Datasheet HTML 11Page - OSRAM GmbH LATBT66B-ST-1 Datasheet HTML 12Page - OSRAM GmbH LATBT66B-ST-1 Datasheet HTML 13Page - OSRAM GmbH LATBT66B-ST-1 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LATB T66B
2002-05-24
10
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 25 °C
true green (1 Chip on)
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 25 °C
true green (3 Chips on)
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 85 °C
true green (1 Chip on)
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 85 °C
true green (3 Chips on)
OHL01400
0
F
I
10
10
-5
-4
-3
10
10
-2 10-1 100
s
10
1
10
2
p
t
0.05
0.10
0.15
0.20
0.25
0.30
0.05
0.5
0.2
0.1
D
0.02
0.01
0.005
=
A
OHL01586
10
-5
F
I
T
P
t
=
D
P
t
T
p
t
F
I
0.005
0.01
0.02
0.05
D =
10
-4 10-3 10-2 10-1 100 101
0
A
2
10
s
0.5
0.05
0.10
0.15
0.20
0.30
0.2
0.1
0.25
OHL01584
10
-5
F
I
T
P
t
=
D
P
t
T
p
t
F
I
0.005
0.01
0.02
0.05
D =
10
-4 10-3 10-2 10-1 100 101
0
A
2
10
s
0.5
0.05
0.10
0.15
0.20
0.30
0.2
0.1
0.25
OHL01575
10
-5
F
I
T
P
t
=
D
P
t
T
p
t
F
I
0.005
0.01
0.02
0.05
D =
10
-4 10-3 10-2 10-1 100 101
0
0.05
0.10
A
2
10
s
0.5
0.2
0.1


Numéro de pièce similaire - LATBT66B-ST-1

FabricantNo de pièceFiches techniqueDescription
logo
OSRAM GmbH
LATBT686 OSRAM-LATBT686 Datasheet
239Kb / 17P
   Hyper Multi TOPLED Hyper-Bright LED
More results

Description similaire - LATBT66B-ST-1

FabricantNo de pièceFiches techniqueDescription
logo
OSRAM GmbH
LSE67B OSRAM-LSE67B Datasheet
175Kb / 14P
   Power TOPLED Enhanced optical Power LED (HOP2000)
LBE67C OSRAM-LBE67C Datasheet
153Kb / 15P
   Power TOPLED짰 Enhanced optical Power LED (ATON짰)
LBE63C-T2V2-35-Z OSRAM-LBE63C-T2V2-35-Z Datasheet
578Kb / 18P
   Power TOPLED짰 with Lens Enhanced Optical Power LED (ATON짰)
LRTBGFUG OSRAM-LRTBGFUG Datasheet
626Kb / 28P
   Enhanced optical Power LED
LWP4SG OSRAM-LWP4SG Datasheet
642Kb / 18P
   Enhanced optical Power LED
LTRBGFSF OSRAM-LTRBGFSF Datasheet
1Mb / 32P
   Enhanced optical Power LED
LAYT67B OSRAM-LAYT67B Datasheet
353Kb / 15P
   Enhanced optical Power LED
LAM67B OSRAM-LAM67B Datasheet
448Kb / 15P
   Enhanced optical Power LED
LYYYG6SF OSRAM-LYYYG6SF Datasheet
437Kb / 17P
   Enhanced optical Power LED
LAP47B OSRAM-LAP47B Datasheet
440Kb / 16P
   Enhanced optical Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com