Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HMC450QS16G Fiches technique(PDF) 6 Page - Hittite Microwave Corporation

No de pièce HMC450QS16G
Description  GaAs InGaP HBT MMIC POWER AMPLIFIER, 0.8 - 1.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITTITE [Hittite Microwave Corporation]
Site Internet  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC450QS16G Fiches technique(HTML) 6 Page - Hittite Microwave Corporation

  HMC450QS16G Datasheet HTML 1Page - Hittite Microwave Corporation HMC450QS16G Datasheet HTML 2Page - Hittite Microwave Corporation HMC450QS16G Datasheet HTML 3Page - Hittite Microwave Corporation HMC450QS16G Datasheet HTML 4Page - Hittite Microwave Corporation HMC450QS16G Datasheet HTML 5Page - Hittite Microwave Corporation HMC450QS16G Datasheet HTML 6Page - Hittite Microwave Corporation HMC450QS16G Datasheet HTML 7Page - Hittite Microwave Corporation HMC450QS16G Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
5
5 - 243
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Number
Function
Description
Interface Schematic
1, 2, 4, 5, 7, 8,
9, 10, 13, 15
GND
Ground: Backside of package has exposed metal ground slug that must
be connected to ground thru a short path. Vias under the device are
required.
3, 14
Vpd1, Vpd2
Power Control Pin. For maximum power, this pin should be connected
to 4.0V. For 5V operation, a dropping resistor is required. A higher
voltage is not recommended. For lower idle current, this voltage can be
reduced.
6
RFIN
This pin is AC coupled and matched to 50 Ohms from 0.8 to 1.0 GHz.
11, 12
RFOUT
RF output and bias for the output stage.
16
Vcc
Power supply voltage for the first amplifier stage. An external bypass
capacitor of 330 pF is required as shown in the application schematic.
Pin Descriptions
HMC450QS16G / 450QS16GE
GaAs InGaP HBT MMIC
POWER AMPLIFIER, 0.8 - 1.0 GHz
v02.0406


Numéro de pièce similaire - HMC450QS16G

FabricantNo de pièceFiches techniqueDescription
logo
Hittite Microwave Corpo...
HMC450QS16G HITTITE-HMC450QS16G Datasheet
282Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 0.8 - 1.0 GHz
logo
Analog Devices
HMC450QS16G AD-HMC450QS16G Datasheet
362Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC450QS16GE HITTITE-HMC450QS16GE Datasheet
282Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 0.8 - 1.0 GHz
logo
Analog Devices
HMC450QS16GE AD-HMC450QS16GE Datasheet
362Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC450QS16G HITTITE-HMC450QS16G_09 Datasheet
282Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 0.8 - 1.0 GHz
More results

Description similaire - HMC450QS16G

FabricantNo de pièceFiches techniqueDescription
logo
Hittite Microwave Corpo...
HMC450QS16G HITTITE-HMC450QS16G_09 Datasheet
282Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 0.8 - 1.0 GHz
logo
Analog Devices
HMC414MS8G AD-HMC414MS8G Datasheet
379Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
HMC406MS8G AD-HMC406MS8G Datasheet
438Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
HMC407MS8G AD-HMC407MS8G Datasheet
322Kb / 6P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
HMC450QS16G AD-HMC450QS16G Datasheet
362Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC414MS8G HITTITE-HMC414MS8G_01 Datasheet
322Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 2.2 - 2.8 GHz
HMC413QS16G HITTITE-HMC413QS16G Datasheet
318Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 1.6 - 2.2 GHz
logo
List of Unclassifed Man...
NGA-489 ETC-NGA-489 Datasheet
295Kb / 4P
   InGaP/GaAs HBT MMIC Amplifier
logo
Hittite Microwave Corpo...
HMC407MS8G HITTITE-HMC407MS8G Datasheet
279Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 7.0 GHz
HMC406MS8G HITTITE-HMC406MS8G_10 Datasheet
222Kb / 6P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 5 - 6 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com