Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54ACT534LCQB Fiches technique(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce 54ACT534LCQB
Description  Octal D Flip-Flop with TRI-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACT534LCQB Fiches technique(HTML) 1 Page - National Semiconductor (TI)

  54ACT534LCQB Datasheet HTML 1Page - National Semiconductor (TI) 54ACT534LCQB Datasheet HTML 2Page - National Semiconductor (TI) 54ACT534LCQB Datasheet HTML 3Page - National Semiconductor (TI) 54ACT534LCQB Datasheet HTML 4Page - National Semiconductor (TI) 54ACT534LCQB Datasheet HTML 5Page - National Semiconductor (TI) 54ACT534LCQB Datasheet HTML 6Page - National Semiconductor (TI) 54ACT534LCQB Datasheet HTML 7Page - National Semiconductor (TI) 54ACT534LCQB Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF9965
March 1993
54ACT74ACT534
Octal D Flip-Flop with TRI-STATE
Outputs
General Description
The ’ACT534 is a high-speed low-power octal D-type flip-
flop featuring separate D-type inputs for each flip-flop and
TRI-STATE outputs for bus-oriented applications A buff-
ered Clock (CP) and Output Enable (OE) are common to all
flip-flops The ’ACT534 is the same as the ’ACT374 except
that the outputs are inverted
Features
Y
ICC and IOZ reduced by 50%
Y
Edge-triggered D-type inputs
Y
Buffered positive edge-triggered clock
Y
TRI-STATE outputs for bus-oriented applications
Y
Outputs sourcesink 24 mA
Y
’ACT534 has TTL-compatible inputs
Y
Inverted output version of ’ACT374
Logic Symbols
TLF9965 – 1
IEEEIEC
TLF9965 – 2
Connection Diagrams
Pin Assignment
for DIP Flatpak and SOIC
TLF9965 – 3
Pin Assignment
for LCC
TLF9965 – 4
Pin Names
Description
D0–D7
Data Inputs
CP
Clock Pulse Input
OE
TRI-STATE Output Enable Input
O0–O7
Complementary TRI-STATE Outputs
TRI-STATE
is a registered trademark of National Semiconductor Corporation
FACTTM is a trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Numéro de pièce similaire - 54ACT534LCQB

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
54ACT534L NSC-54ACT534L Datasheet
149Kb / 6P
   Octal D Flip-Flop with TRI-STATE Outputs
More results

Description similaire - 54ACT534LCQB

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
54AC374 NSC-54AC374 Datasheet
170Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
74FCT534 NSC-74FCT534 Datasheet
142Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
logo
Texas Instruments
54AC374 TI1-54AC374 Datasheet
215Kb / 10P
[Old version datasheet]   Octal D Flip-Flop with TRI-STATE Outputs
logo
National Semiconductor ...
54FCT374A NSC-54FCT374A Datasheet
213Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
MN54ACTQ574-X NSC-MN54ACTQ574-X Datasheet
34Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
54ACT534 NSC-54ACT534 Datasheet
149Kb / 6P
   Octal D Flip-Flop with TRI-STATE Outputs
54F574DM NSC-54F574DM Datasheet
169Kb / 8P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54FCT574 NSC-54FCT574 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54ABT374 NSC-54ABT374 Datasheet
334Kb / 12P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
DM74LS564 NSC-DM74LS564 Datasheet
109Kb / 4P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com