Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM42DL1614DB85IT Fiches technique(PDF) 9 Page - SPANSION

No de pièce AM42DL1614DB85IT
Description  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPANSION [SPANSION]
Site Internet  http://www.spansion.com
Logo SPANSION - SPANSION

AM42DL1614DB85IT Fiches technique(HTML) 9 Page - SPANSION

Back Button AM42DL1614DB85IT Datasheet HTML 5Page - SPANSION AM42DL1614DB85IT Datasheet HTML 6Page - SPANSION AM42DL1614DB85IT Datasheet HTML 7Page - SPANSION AM42DL1614DB85IT Datasheet HTML 8Page - SPANSION AM42DL1614DB85IT Datasheet HTML 9Page - SPANSION AM42DL1614DB85IT Datasheet HTML 10Page - SPANSION AM42DL1614DB85IT Datasheet HTML 11Page - SPANSION AM42DL1614DB85IT Datasheet HTML 12Page - SPANSION AM42DL1614DB85IT Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
8
Am42DL16x4D
January 9, 2002
P R E L IMINARY
PIN DESCRIPTION
A17–A0
= 18 Address Inputs (Common)
A–1, A19–A18 = 3 Address Inputs (Flash)
DQ15–DQ0
= 16 Data Inputs/Outputs (Common)
CE#f
= Chip Enable (Flash)
CE#s
= Chip Enable (SRAM)
OE#
= Output Enable (Common)
WE#
= Write Enable (Common)
RY/BY#
= Ready/Busy Output
UB#s
= Upper Byte Control (SRAM)
LB#s
= Lower Byte Control (SRAM)
CIOf
= I/O Configuration (Flash)
CIOf = V
IH = Word mode (x16),
CIOf = V
IL = Byte mode (x8)
RESET#
= Hardware Reset Pin, Active Low
WP#/ACC
= Hardware Write Protect/
Acceleration Pin (Flash)
V
CCf
= Flash 3.0 volt-only single power sup-
ply (see Product Selector Guide for
speed options and voltage supply
tolerances)
V
CCs
= SRAM Power Supply
V
SS
= Device Ground (Common)
NC
= Pin Not Connected Internally
LOGIC SYMBOL
18
16 or 8
DQ15–DQ0
A0–A17
CE#f
OE#
WE#
RESET#
UB#s
RY/BY#
WP#/ACC
A–1, A18–A19
LB#s
CIOf
CE1#s
CE2s


Numéro de pièce similaire - AM42DL1614DB85IT

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM42DL1614DB85IT AMD-AM42DL1614DB85IT Datasheet
941Kb / 61P
   Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
More results

Description similaire - AM42DL1614DB85IT

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
DS42553 AMD-DS42553 Datasheet
955Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM41DL3208G SPANSION-AM41DL3208G Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42DL6404G SPANSION-AM42DL6404G Datasheet
1,020Kb / 61P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
DS42515 AMD-DS42515 Datasheet
830Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42585 AMD-DS42585 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42587 AMD-DS42587 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42514 AMD-DS42514 Datasheet
832Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM49DL640AG AMD-AM49DL640AG Datasheet
1,005Kb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM42BDS640AG SPANSION-AM42BDS640AG Datasheet
1Mb / 72P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
AM41DL6408H AMD-AM41DL6408H Datasheet
1Mb / 66P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42516 AMD-DS42516 Datasheet
953Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com