Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM42DL1614DT85IT Fiches technique(PDF) 6 Page - SPANSION

No de pièce AM42DL1614DT85IT
Description  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPANSION [SPANSION]
Site Internet  http://www.spansion.com
Logo SPANSION - SPANSION

AM42DL1614DT85IT Fiches technique(HTML) 6 Page - SPANSION

Back Button AM42DL1614DT85IT Datasheet HTML 2Page - SPANSION AM42DL1614DT85IT Datasheet HTML 3Page - SPANSION AM42DL1614DT85IT Datasheet HTML 4Page - SPANSION AM42DL1614DT85IT Datasheet HTML 5Page - SPANSION AM42DL1614DT85IT Datasheet HTML 6Page - SPANSION AM42DL1614DT85IT Datasheet HTML 7Page - SPANSION AM42DL1614DT85IT Datasheet HTML 8Page - SPANSION AM42DL1614DT85IT Datasheet HTML 9Page - SPANSION AM42DL1614DT85IT Datasheet HTML 10Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
January 9, 2002
Am42DL16x4D
5
P R E L IMINARY
PRODUCT SELECTOR GUIDE
MCP BLOCK DIAGRAM
Part Number
Am42DL16x4D
Speed Options
Standard Voltage Range:
VCC = 2.7–3.3 V
Flash Memory
SRAM
70
85
70
85
Max Access Time (ns)
70
85
70
85
CE# Access (ns)
70
85
70
85
OE# Access (ns)
30
35
35
45
VSS/VSSQ
VCCs/VCCQ
RESET#
WE#
CE#f
OE#
CE1#s
VSS
VCCf
RY/BY#
LB#s
UB#s
CIOf
WP#/ACC
CE2s
4 Mbit
Static RAM
16 Mbit
Flash Memory
DQ0 to DQ15/A–1
DQ0 to DQ15/A–1
DQ0 to DQ15/A–1
A0 to A19
A0 to A19
A0 to A19
A–1
A0 to A17


Numéro de pièce similaire - AM42DL1614DT85IT

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM42DL1614DT85IT AMD-AM42DL1614DT85IT Datasheet
941Kb / 61P
   Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
More results

Description similaire - AM42DL1614DT85IT

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
DS42553 AMD-DS42553 Datasheet
955Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM41DL3208G SPANSION-AM41DL3208G Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42DL6404G SPANSION-AM42DL6404G Datasheet
1,020Kb / 61P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
DS42515 AMD-DS42515 Datasheet
830Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42585 AMD-DS42585 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42587 AMD-DS42587 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42514 AMD-DS42514 Datasheet
832Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM49DL640AG AMD-AM49DL640AG Datasheet
1,005Kb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM42BDS640AG SPANSION-AM42BDS640AG Datasheet
1Mb / 72P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
AM41DL6408H AMD-AM41DL6408H Datasheet
1Mb / 66P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42516 AMD-DS42516 Datasheet
953Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com