Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ABT640DB Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce 74ABT640DB
Description  Octal transceiver with direction pin, inverting 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT640DB Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button 74ABT640DB Datasheet HTML 2Page - NXP Semiconductors 74ABT640DB Datasheet HTML 3Page - NXP Semiconductors 74ABT640DB Datasheet HTML 4Page - NXP Semiconductors 74ABT640DB Datasheet HTML 5Page - NXP Semiconductors 74ABT640DB Datasheet HTML 6Page - NXP Semiconductors 74ABT640DB Datasheet HTML 7Page - NXP Semiconductors 74ABT640DB Datasheet HTML 8Page - NXP Semiconductors 74ABT640DB Datasheet HTML 9Page - NXP Semiconductors 74ABT640DB Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Philips Semiconductors
Product specification
74ABT640
Octal transceiver with direction pin, inverting
(3-State)
1998 Jan 16
9
TSSOP20:
plastic thin shrink small outline package; 20 leads; body width 4.4 mm
SOT360-1


Numéro de pièce similaire - 74ABT640DB

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74ABT646 FAIRCHILD-74ABT646 Datasheet
97Kb / 9P
   Octal Transceivers and Registers with 3-STATE Outputs
logo
NXP Semiconductors
74ABT646A PHILIPS-74ABT646A Datasheet
117Kb / 14P
   Octal bus transceiver/register 3-State
1998 Feb 17
74ABT646A NXP-74ABT646A Datasheet
112Kb / 19P
   Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
74ABT646AD PHILIPS-74ABT646AD Datasheet
117Kb / 14P
   Octal bus transceiver/register 3-State
1998 Feb 17
74ABT646AD NXP-74ABT646AD Datasheet
112Kb / 19P
   Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
More results

Description similaire - 74ABT640DB

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVT640_2 PHILIPS-74LVT640_2_15 Datasheet
110Kb / 10P
   3.3V Octal transceiver with direction pin; inverting (3-State)
1998 Feb 19
74LVT640 PHILIPS-74LVT640 Datasheet
94Kb / 10P
   3.3V Octal transceiver with direction pin; inverting 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT640 NEXPERIA-74LVT640 Datasheet
233Kb / 12P
   3.3 V Octal transceiver with direction pin; inverting; 3-state
Rev. 4 - 23 February 2021
logo
NXP Semiconductors
74ABT245 PHILIPS-74ABT245 Datasheet
104Kb / 10P
   Octal transceiver with direction pin 3-State
1998 Jan 16
logo
Nexperia B.V. All right...
74ABT245 NEXPERIA-74ABT245 Datasheet
233Kb / 12P
   Octal transceiver with direction pin; 3-state
Rev. 5 - 9 July 2021
logo
NXP Semiconductors
74ABT245DB NXP-74ABT245DB Datasheet
827Kb / 6P
   Octal transceiver with direction pin (3-State)
74LVT245 PHILIPS-74LVT245 Datasheet
92Kb / 10P
   3.3V Octal transceiver with direction pin 3-State
1998 Feb 19
74LVT245B PHILIPS-74LVT245B Datasheet
106Kb / 10P
   3.3V Octal transceiver with direction pin (3-State)
1999 Mar 19
74LVT245B PHILIPS-74LVT245B_15 Datasheet
111Kb / 15P
   3.3 V octal transceiver with direction pin (3-state)
Rev. 02-8 May 2008
logo
Nexperia B.V. All right...
74LVT245 NEXPERIA-74LVT245 Datasheet
254Kb / 14P
   3.3 V octal transceiver with direction pin; 3-state
Rev. 5 - 4 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com