Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS864032T-167V Fiches technique(PDF) 1 Page - GSI Technology

No de pièce GS864032T-167V
Description  4M x 18, 2M x 32, 2M x 36 72Mb Sync Burst SRAMs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GSI [GSI Technology]
Site Internet  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS864032T-167V Fiches technique(HTML) 1 Page - GSI Technology

  GS864032T-167V Datasheet HTML 1Page - GSI Technology GS864032T-167V Datasheet HTML 2Page - GSI Technology GS864032T-167V Datasheet HTML 3Page - GSI Technology GS864032T-167V Datasheet HTML 4Page - GSI Technology GS864032T-167V Datasheet HTML 5Page - GSI Technology GS864032T-167V Datasheet HTML 6Page - GSI Technology GS864032T-167V Datasheet HTML 7Page - GSI Technology GS864032T-167V Datasheet HTML 8Page - GSI Technology GS864032T-167V Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Preliminary
GS864018/32/36T-xxxV
4M x 18, 2M x 32, 2M x 36
72Mb Sync Burst SRAMs
250 MHz–167 MHz
1.8 V or 2.5 V VDD
1.8 V or 2.5 V I/O
100-Pin TQFP
Commercial Temp
Industrial Temp
Rev: 1.01 6/2006
1/23
© 2004, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Features
• FT pin for user-configurable flow through or pipeline
operation
• Single Cycle Deselect (SCD) operation
• 1.8 V or 2.5 V core power supply
• 1.8 V or 2.5 V I/O supply
• LBO pin for Linear or Interleaved Burst mode
• Internal input resistors on mode pins allow floating mode pins
• Default to Interleaved Pipeline mode
• Byte Write (BW) and/or Global Write (GW) operation
• Internal self-timed write cycle
• Automatic power-down for portable applications
• JEDEC-standard 100-lead TQFP package
• RoHS-compliant 100-lead TQFP package available
Functional Description
Applications
The GS864018/32/36T-xxxV is a 75,497,472-bit high
performance synchronous SRAM with a 2-bit burst address
counter. Although of a type originally developed for Level 2
Cache applications supporting high performance CPUs, the
device now finds application in synchronous SRAM
applications, ranging from DSP main store to networking chip
set support.
Controls
Addresses, data I/Os, chip enables (E1, E2, E3), address burst
control inputs (ADSP, ADSC, ADV), and write control inputs
(Bx, BW, GW) are synchronous and are controlled by a
positive-edge-triggered clock input (CK). Output enable (G)
and power down control (ZZ) are asynchronous inputs. Burst
cycles can be initiated with either ADSP or ADSC inputs. In
Burst mode, subsequent burst addresses are generated
internally and are controlled by ADV. The burst address
counter may be configured to count in either linear or
interleave order with the Linear Burst Order (LBO) input. The
Burst function need not be used. New addresses can be loaded
on every cycle with no degradation of chip performance.
Flow Through/Pipeline Reads
The function of the Data Output register can be controlled by
the user via the FT mode pin (Pin 14). Holding the FT mode
pin low places the RAM in Flow Through mode, causing
output data to bypass the Data Output Register. Holding FT
high places the RAM in Pipeline mode, activating the rising-
edge-triggered Data Output Register.
Byte Write and Global Write
Byte write operation is performed by using Byte Write enable
(BW) input combined with one or more individual byte write
signals (Bx). In addition, Global Write (GW) is available for
writing all bytes at one time, regardless of the Byte Write
control inputs.
Sleep Mode
Low power (Sleep mode) is attained through the assertion
(High) of the ZZ signal, or by stopping the clock (CK).
Memory data is retained during Sleep mode.
Core and Interface Voltages
The GS864018/32/36T-xxxV operates on a 1.8 V or 2.5 V
power supply. All inputs are 1.8 V or 2.5 V compatible.
Separate output power (VDDQ) pins are used to decouple
output noise from the internal circuits and are 1.8 V or 2.5 V
compatible.
Parameter Synopsis
-250
-200
-167
Unit
Pipeline
3-1-1-1
tKQ
tCycle
2.5
4.0
3.0
5.0
3.5
6.0
ns
ns
Curr (x18)
Curr (x32/x36)
340
410
290
350
260
305
mA
mA
Flow Through
2-1-1-1
tKQ
tCycle
6.5
6.5
7.5
7.5
8.0
8.0
ns
ns
Curr (x18)
Curr (x32/x36)
245
280
220
250
210
240
mA
mA


Numéro de pièce similaire - GS864032T-167V

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS864032T-167 GSI-GS864032T-167 Datasheet
979Kb / 24P
   4M x 18, 2M x 32, 2M x 36 72Mb Sync Burst SRAMs
GS864032T-167I GSI-GS864032T-167I Datasheet
979Kb / 24P
   4M x 18, 2M x 32, 2M x 36 72Mb Sync Burst SRAMs
More results

Description similaire - GS864032T-167V

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS8640V18T GSI-GS8640V18T Datasheet
594Kb / 23P
   4M x 18, 2M x 32, 2M x 36 72Mb Sync Burst SRAMs
GS864018T GSI-GS864018T Datasheet
979Kb / 24P
   4M x 18, 2M x 32, 2M x 36 72Mb Sync Burst SRAMs
GS8640E18T-V GSI-GS8640E18T-V Datasheet
926Kb / 23P
   4M x 18, 2M x 32, 2M x 36 72Mb Sync Burst SRAMs
GS864418E-V GSI-GS864418E-V Datasheet
1Mb / 32P
   4M x 18, 2M x 36 72Mb S/DCD Sync Burst SRAMs
GS864418 GSI-GS864418 Datasheet
850Kb / 41P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS864236GB-250I GSI-GS864236GB-250I Datasheet
574Kb / 37P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS864218B-V GSI-GS864218B-V Datasheet
1Mb / 35P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS8644V18B GSI-GS8644V18B Datasheet
1Mb / 40P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS832118E GSI-GS832118E Datasheet
1,004Kb / 32P
   2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
GS832018 GSI-GS832018 Datasheet
669Kb / 25P
   2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com