Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ABT541DB Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce 74ABT541DB
Description  Octal buffer/line driver 3-State
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT541DB Fiches technique(HTML) 2 Page - NXP Semiconductors

  74ABT541DB Datasheet HTML 1Page - NXP Semiconductors 74ABT541DB Datasheet HTML 2Page - NXP Semiconductors 74ABT541DB Datasheet HTML 3Page - NXP Semiconductors 74ABT541DB Datasheet HTML 4Page - NXP Semiconductors 74ABT541DB Datasheet HTML 5Page - NXP Semiconductors 74ABT541DB Datasheet HTML 6Page - NXP Semiconductors 74ABT541DB Datasheet HTML 7Page - NXP Semiconductors 74ABT541DB Datasheet HTML 8Page - NXP Semiconductors 74ABT541DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Philips Semiconductors
Product specification
74ABT541
Octal buffer/line driver (3-State)
2
1998 Jan 16
853-1458 18864
FEATURES
Octal bus interface
Functions similar to the ’ABT241
Provides ideal interface and increases fan-out of MOS
Microprocessors
Efficient pinout to facilitate PC board layout
3-State buffer outputs sink 64mA and source 32mA
Power-up 3-State
Latch-up protection exceeds 500mA per Jedec JC40.2 Std 17
ESD protection exceeds 2000 V per MIL STD 883 Method 3015
and 200 V per Machine Model
Live insertion/extraction permitted
DESCRIPTION
The 74ABT541 high-performance BiCMOS device combines low
static and dynamic power dissipation with high speed and high
output drive.
The 74ABT541 device is an octal buffer that is ideal for driving bus
lines. The outputs are all capable of sinking 64mA and sourcing
32mA. The device features input and outputs on opposite sides of
the package to facilitate printed circuit board layout.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
An to Yn
CL = 50pF; VCC = 5V
2.9
ns
CIN
Input capacitance
VI = 0V or VCC
4
pF
COUT
Output capacitance
Outputs disabled; VO = 0V or VCC
7
pF
ICCZ
Total supply current
Outputs disabled; VCC = 5.5V
500
nA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
20-Pin Plastic DIP
–40
°C to +85°C
74ABT541 N
74ABT541 N
SOT146-1
20-Pin plastic SO
–40
°C to +85°C
74ABT541 D
74ABT541 D
SOT163-1
20-Pin Plastic SSOP Type II
–40
°C to +85°C
74ABT541 DB
74ABT541 DB
SOT339-1
20-Pin Plastic TSSOP Type I
–40
°C to +85°C
74ABT541 PW
74ABT541PW DH
SOT360-1
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
OE0
A0
A1
A2
A3
A4
A5
A6
A7
GND
VCC
OE1
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
SA00202
LOGIC SYMBOL
A0
A1
A2
A3
A4
A5
A6
A7
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
1
19
OE0
OE1
SA00203


Numéro de pièce similaire - 74ABT541DB

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ABT541DB NXP-74ABT541DB Datasheet
118Kb / 11P
   Octal buffer/line driver (3-State)
1998 Jan 16
More results

Description similaire - 74ABT541DB

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com