Moteur de recherche de fiches techniques de composants électroniques |
|
GS8662Q18E-300I Fiches technique(PDF) 6 Page - GSI Technology |
|
GS8662Q18E-300I Fiches technique(HTML) 6 Page - GSI Technology |
6 / 35 page Pin Description Table Symbol Description Type Comments SA Synchronous Address Inputs Input — NC No Connect — — R Synchronous Read Input Active Low W Synchronous Write Input Active Low BW Synchronous Byte Write Input Active Low x9 only BW0–BW3 Synchronous Byte Writes Input Active Low x18/x36 only NW0–NW1 Nybble Write Control Pin Input Active Low x8 only K Input Clock Input Active High K Input Clock Input Active Low C Output Clock Input Active High C Output Clock Input Active Low TMS Test Mode Select Input — TDI Test Data Input Input — TCK Test Clock Input Input — TDO Test Data Output Output — VREF HSTL Input Reference Voltage Input — ZQ Output Impedance Matching Input Input — Qn Synchronous Data Outputs Output Dn Synchronous Data Inputs Input Doff Disable DLL when low Input Active Low CQ Output Echo Clock Output — CQ Output Echo Clock Output — VDD Power Supply Supply 1.8 V Nominal VDDQ Isolated Output Buffer Supply Supply 1.5 or 1.8 V Nominal VSS Power Supply: Ground Supply — Preliminary GS8662Q08/09/18/36E-300/250/200/167 Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.01 9/2005 6/35 © 2005, GSI Technology Note: NC = Not Connected to die or any other pin |
Numéro de pièce similaire - GS8662Q18E-300I |
|
Description similaire - GS8662Q18E-300I |