Moteur de recherche de fiches techniques de composants électroniques |
|
GS73024AB-8 Fiches technique(PDF) 11 Page - GSI Technology |
|
GS73024AB-8 Fiches technique(HTML) 11 Page - GSI Technology |
11 / 12 page Ordering Information Part Number1 Package Access Time Temp. Range Status GS73024AB-8 119-Bump BGA2 8 ns Commercial GS73024AB-10 119-Bump BGA2 10 ns Commercial GS73024AB-12 119-Bump BGA2 12 ns Commercial GS73024AB-8I 119-Bump BGA2 8 ns Industrial GS73024AB-10I 119-Bump BGA2 10 ns Industrial GS73024AB-12I 119-Bump BGA2 12 ns Industrial Notes: 1. Customers requiring Tape and Reel should add the character “T” to the end of the part number. For example: GS73024AB-12T. 2. Please see pages 9 and 10 for date code information for Variation 1 and Variation 2 of the 119-bump BGA. GS73024AB Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.03 12/2005 11/12 © 2003, GSI Technology |
Numéro de pièce similaire - GS73024AB-8 |
|
Description similaire - GS73024AB-8 |