Moteur de recherche de fiches techniques de composants électroniques |
|
GS8320ZV18T-225I Fiches technique(PDF) 8 Page - GSI Technology |
|
GS8320ZV18T-225I Fiches technique(HTML) 8 Page - GSI Technology |
8 / 23 page GS8320ZV18/36T-250/225/200/166/150/133 Preliminary Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.01 10/2004 8/23 © 2001, GSI Technology Pipeline and Flow Through Read Write Control State Diagram Deselect New Read New Write Burst Read Burst Write W R B R B W D D B B W R D B W R D D Current State (n) Next State (n+1) Transition ƒ Input Command Code Key Notes: 1. The Hold command (CKE Low) is not shown because it prevents any state change. 2. W, R, B and D represent input command codes ,as indicated in the Synchronous Truth Table. Clock (CK) Command Current State Next State ƒ n n+1 n+2 n+3 ƒƒƒ Current State and Next State Definition for Pipeline and Flow Through Read/Write Control State Diagram W R |
Numéro de pièce similaire - GS8320ZV18T-225I |
|
Description similaire - GS8320ZV18T-225I |