Moteur de recherche de fiches techniques de composants électroniques |
|
GS8170LW72AGC-350I Fiches technique(PDF) 7 Page - GSI Technology |
|
GS8170LW72AGC-350I Fiches technique(HTML) 7 Page - GSI Technology |
7 / 32 page GS8170LW36/72AC-350/333/300/250 Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.04 4/2005 7/32 © 2003, GSI Technology Two Byte Write Control Example with Late Write SigmaRAM Special Functions Burst Cycles SRAMs provide an on-chip burst address generator that can be utilized, if desired, to simplify burst read or write implementations. The ADV control pin, when driven high, commands the SRAM to advance the internal address counter and use the counter generated address to read or write the SRAM. The starting address for the first cycle in a burst cycle series is loaded into the SRAM by driving the ADV pin low, into Load mode. DA DB DE DA DC F /E1 Write BC D ADV ADV Non-Write Write Write CK Address A E Write CQ /BA /BB DQA0-DQA8 DQB0-DQB8 |
Numéro de pièce similaire - GS8170LW72AGC-350I |
|
Description similaire - GS8170LW72AGC-350I |